Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OHGDBK Datasheet(PDF) 1 Page - Dialight Corporation

Part # OHGDBK
Description  20mm LENSES AND HOLDERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

OHGDBK Datasheet(HTML) 1 Page - Dialight Corporation

  OHGDBK Datasheet HTML 1Page - Dialight Corporation OHGDBK Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
OPERATING CONDITIONS
MATERIALS/FINISH
For Osram Golden Dragon LEDs
Available in spot, medium, wide and oval lenses
Snap-in sub-lens
Greater than 85% efficiency
105º C max temperature
Lenses are optical grade PMMA acrylic
OSRAM GOLDEN
DRAGON®
20mm LENSES AND HOLDERS
Holders are made of durable polycarbonate
ORDERING INFORMATION
MECHANICAL DIMENSIONS
HOLDERS
Dialight P/N
Reference
P/N
Description
OHGDBK
OH-GD-BK
Osram Golden Dragon
LEDs - Black
OHGDCL
OH-GD-CL
Osram Golden Dragon
LEDs - Clear
OHGDWH
OH-GD-WH
Osram Golden Dragon
LEDs - White
LENS
Dialight P/N
Reference
P/N
Description
Degree*
OP005
OP-005
Spot Lens
OP015
OP-015
Medium Lens
15º
OP025
OP-025
Wide Lens
25º
OP520
OP-520
Oval Lens
5º X 20º
*All angles refer to half divergence
Holders
Lenses
MDEXLUMOGD_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Dialight reserves the right to make changes at any time
in order to supply the best product possible.


Similar Description - OHGDBK

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OHES1WH DIALIGHT-OHES1WH Datasheet
190Kb / 2P
   20mm LENSES AND HOLDERS
logo
Cooper Bussmann, Inc.
HTB-X2I20 COOPER-HTB-X2I20 Datasheet
339Kb / 2P
   Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
HTB-X2I COOPER-HTB-X2I Datasheet
339Kb / 2P
   Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
logo
Littelfuse
L60030C-1C LITTELFUSE-L60030C-1C_06 Datasheet
166Kb / 2P
   Blocks and Holders
LPHV001 LITTELFUSE-LPHV001 Datasheet
148Kb / 1P
   Blocks and Holders
logo
List of Unclassifed Man...
KH-15 ETC2-KH-15 Datasheet
190Kb / 1P
   Additional Support and Holders
logo
Ledil, Inc.
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
   Basepart for reflectors and lenses
logo
Littelfuse
571 LITTELFUSE-571 Datasheet
529Kb / 1P
   Fuse Blocks, Holders and Accessories
logo
Advanced Analogic Techn...
LPSJ30-1 ANALOGICTECH-LPSJ30-1 Datasheet
73Kb / 1P
   Fuse Blocks, Holders and Accessories
logo
Cooper Bussmann, Inc.
HTC-60M COOPER-HTC-60M Datasheet
320Kb / 2P
   HTC Series - PCB Holders, Blocks Clips and Panel Mount Holders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com