Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB4-C1C3-302 Datasheet(PDF) 1 Page - Dialight Corporation

Part # SB4-C1C3-302
Description  White LED Recessed Spot
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

SB4-C1C3-302 Datasheet(HTML) 1 Page - Dialight Corporation

  SB4-C1C3-302 Datasheet HTML 1Page - Dialight Corporation SB4-C1C3-302 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
10-36 Volts dc, 12-24 Volt 50 – 60 Hz AC/DC operation,
non-polarized connection
Shock and vibration resistant
Cool to touch operation
42 BTU/hr per lamp reduction in cooling needs
Cooler lamp lens temperature – 50 degrees vs. 270
degrees
Eliminate fire hazard
Increased safety for closet light applications
Reduced power drain
Long life
Easy retrofit of existing design
Reduction in lamp maintenance
Reduction in total transformers required
Increased battery operating time
White LED Recessed Spot
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDTBSB4X001_05
The Dialight Recessed Spot Lamp is being developed for general illumination and vehicle applications. This LED lamp will
operate at 6 watts and produce significantly less heat than the incandescent or halogen lamps. In addition, due to the
lower power required to operate the lamp, less strain will be put on the vehicle’s electrical generation equipment.
APPLICATION
SPECIFICATIONS


Similar Part No. - SB4-C1C3-302

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SB4-DMS COOPER-SB4-DMS Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Pepperl+Fuchs Inc.
SB4-OR-4CP PF-SB4-OR-4CP Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
SB4-OR-4CP-4C PF-SB4-OR-4CP-4C Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
SB4-OR-4CP-4M PF-SB4-OR-4CP-4M Datasheet
1Mb / 6P
   Safety control unit
2023-02-15
SB4-OR-4CP-B PF-SB4-OR-4CP-B Datasheet
1Mb / 4P
   Safety control unit
2023-02-15
More results

Similar Description - SB4-C1C3-302

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
192BX35X CML-192BX35X Datasheet
409Kb / 1P
   LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
192BX25X CML-192BX25X Datasheet
409Kb / 1P
   LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
190BX35X CML-190BX35X Datasheet
411Kb / 1P
   LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
190BX25X CML-190BX25X Datasheet
411Kb / 1P
   LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
logo
BetLux Electronics
TLL-JDR-061 BETLUX-TLL-JDR-061 Datasheet
35Kb / 1P
   JDR LED Spot Lamp
logo
Chicago Miniature Lamp,...
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
   LED Indicator 8mm Recessed(Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
   LED Indicator 8mm Recessed(Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
   LED Indicator 8mm Recessed (Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
   LED Indicator 8mm Recessed(Interior) Bezel
logo
TT Electronics.
OP207CL TTELEC-OP207CL Datasheet
748Kb / 4P
   7mm Spot Diameter LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com