Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5949A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5949A
Description  -48V Hot-Swap Controllers with External RSENSE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5949A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5949A Datasheet HTML 7Page - Maxim Integrated Products MAX5949A Datasheet HTML 8Page - Maxim Integrated Products MAX5949A Datasheet HTML 9Page - Maxim Integrated Products MAX5949A Datasheet HTML 10Page - Maxim Integrated Products MAX5949A Datasheet HTML 11Page - Maxim Integrated Products MAX5949A Datasheet HTML 12Page - Maxim Integrated Products MAX5949A Datasheet HTML 13Page - Maxim Integrated Products MAX5949A Datasheet HTML 14Page - Maxim Integrated Products MAX5949A Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
below the current limit, the circuit breaker does not trip.
For C2 values less than 10nF, a positive voltage step on
the input supply can result in Q1 turning off momentarily,
which can shut down the output. By adding an additional
resistor and diode, Q1 remains on during the voltage
step. This is shown as D1 and R7 in Figure 10. The pur-
pose of D1 is to shunt current around R7 when the power
pins first make contact and allow C1 to hold the GATE
low. The value of R7 should be sized to generate an
R7 x C1 time constant of 33µs.
Undervoltage and Overvoltage
Protection
The UV and OV pins can be used to detect undervoltage
and overvoltage conditions. The UV and OV pins are
internally connected to analog comparators with 130mV
(UV) and 20mV (OV) of hysteresis. When the UV voltage
falls below its threshold or the OV voltage rises above its
threshold, the GATE pin is immediately pulled low. The
GATE pin is held low until UV goes high and OV is low,
indicating that the input supply voltage is within specifica-
tion. The MAX5949_ includes an internal lockout (UVLO)
that keeps the external MOSFET off until the input supply
voltage exceeds 15.4V, regardless of the UV input.
-48V Hot-Swap Controllers
with External RSENSE
______________________________________________________________________________________
11
GATE - VEE
10V/div
ID (Q1)
5A/div
DRAIN
50V/div
1ms/div
Figure 8. Short-Circuit Protection Waveform
DRAIN
20V/div
ID (Q1)
5A/div
VEE
20V/div
400
µs/div
Figure 9. Voltage Step on Input Supply
VEE
SENSE
GATE
DRAIN
VDD
OV
UV
PWRGD
MAX5949A
-48V RTN
-48V
R4
549k
1%
R5
6.49k
1%
R6
10k
1%
R1
0.02
5%
R3
1k
5%
R2
10
5%
C1
150nF
25V
Q1
IRF530
C2
3.3nF
100V
*
-48V RTN
(SHORT PIN)
R7
220
5%
D1
BAT85
C4
22
µF
100V
C3
0.1
µF
100V
*DIODES INC. SMAT70A.
Figure 10. Circuit for Input Steps with Small C1


Similar Part No. - MAX5949A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949AESA MAXIM-MAX5949AESA Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
More results

Similar Description - MAX5949A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
   -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com