Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8806 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL8806
Description  HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8806 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL8806 Datasheet HTML 6Page - Diodes Incorporated AL8806 Datasheet HTML 7Page - Diodes Incorporated AL8806 Datasheet HTML 8Page - Diodes Incorporated AL8806 Datasheet HTML 9Page - Diodes Incorporated AL8806 Datasheet HTML 10Page - Diodes Incorporated AL8806 Datasheet HTML 11Page - Diodes Incorporated AL8806 Datasheet HTML 12Page - Diodes Incorporated AL8806 Datasheet HTML 13Page - Diodes Incorporated AL8806 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AL8806
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
AL8806
Document number: DS35144 Rev. 2 - 2
10 of 15
www.diodes.com
June 2011
© Diodes Incorporated
Applications Information (continued)
Reducing output ripple
Peak to peak ripple current in the LED(s) can be reduced, if required, by shunting a capacitor C2 across the LED(s) as shown
already in the circuit schematic.
A value of 1
μF will reduce the supply ripple current by a factor three (approx.). Proportionally lower ripple can be achieved
with higher capacitor values. Note that the capacitor will not affect operating frequency or efficiency, but it will increase
start-up delay, by reducing the rate of rise of LED voltage. By adding this capacitor the current waveform through the LED(s)
changes from a triangular ramp to a more sinusoidal version without altering the mean current value.
Capacitor Selection
The small size of ceramic capacitors makes them ideal for AL8806 applications. X5R and X7R types are recommended
because they retain their capacitance over wider voltage and temperature ranges than other types such as Z5U.
A 2.2
μF input capacitor is sufficient for most intended applications of AL8806; however a 4.7μF input capacitor is suggested
for input voltages approaching 30V.
Diode Selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode with low reverse
leakage at the maximum operating voltage and temperature. The Schottky diode also provides better efficiency than silicon
PN diodes, due to a combination of lower forward voltage and reduced recovery time.
It is important to select parts with a peak current rating above the peak coil current and a continuous current rating higher
than the maximum output load current. In particular, it is recommended to have a diode voltage rating at least 15% higher
than the operating voltage to ensure safe operation during the switching and a current rating at least 10% higher than the
average diode current. The power rating is verified by calculating the power loss through the diode.
Schottky diodes, e.g. B240 or B140, with their low forward voltage drop and fast reverse recovery, are the ideal choice for
AL8806 applications.
Thermal and layout considerations
For continuous conduction mode of operation, the absolute maximum junction temperature must not be exceeded. The
maximum power dissipation depends on several factors: the thermal resistance of the IC package
θ
JA, PCB layout, airflow
surrounding the IC, and difference between junction and ambient temperature.
The maximum power dissipation can be calculated using the following formula:
()
W
45
.
1
W
/
C
69
C
25
C
125
P
)
MAX
(
D
=
°
°
°
=
where
TJ(MAX) is the maximum operating junction temperature,
TA is the ambient temperature, and
θ
JA is the junction to ambient thermal resistance.
The recommended maximum operating junction temperature, TJ, is 125°C and so maximum ambient temperature is
determined by the AL8806’s junction to ambient thermal resistance,
θ
JA. To support high LED drive at higher ambient
temperatures the AL8806 has been packaged in thermally enhanced MSOP-8EP package.
θ
JA, is layout dependent and the AL8806 in MSOP-8EP’s θJA
on a 51 x 51mm single layer PCB with 2oz copper standing
in still air is approximately 69°C/W.
Therefore the maximum power dissipation at TA = 25°C is:
()
W
45
.
1
W
/
C
69
C
25
C
125
P
)
MAX
(
D
=
°
°
°
=
Figure 5, shows the power derating of the AL8806 on an
FR4 51x51mm PCB with 2oz copper standing in still air.
As the ambient temperature increases and/or the PCB area
reduces the maximum power dissipated by the AL8806 will
decrease.
MSOP-8EP
0
200
400
600
800
1000
1200
1400
1600
-40 -25 -10
5
20
35
50
65
80
95
110 125
Ambient temperature (°C)
Figure 5. Derating Curve


Similar Part No. - AL8806

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
AL8806EV4 DIODES-AL8806EV4 Datasheet
1Mb / 12P
   9V to 30V DC input (with 2 LEDs)
AL8806EV6 DIODES-AL8806EV6 Datasheet
418Kb / 8P
   12VDC and 12VAC input
AL8806MP8-13 DIODES-AL8806MP8-13 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
AL8806MP8-13 DIODES-AL8806MP8-13 Datasheet
1Mb / 12P
   9V to 30V DC input (with 2 LEDs)
More results

Similar Description - AL8806

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
AL8861Q DIODES-AL8861Q Datasheet
918Kb / 15P
   HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8860Q DIODES-AL8860Q Datasheet
884Kb / 15P
   HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8806Q DIODES-AL8806Q Datasheet
661Kb / 13P
   HIGH EFFICIENCY 30V 1.6A AUTOMOTIVE GRADE BUCK LED DRIVER
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
   High Efficiency, 1.5A Flash LED Driver
logo
Diodes Incorporated
AL8807Q DIODES-AL8807Q Datasheet
1Mb / 16P
   HIGH EFFICIENCY LOW 30V 1.3A AUTOMOTIVE GRADE BUCK LED DRIVER
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
   40V 1.5A BUCK LED DRIVER
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
   High Efficiency, Dual 1.5A Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com