Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G34DW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74LVC2G34DW
Description  DUAL BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G34DW Datasheet(HTML) 3 Page - Diodes Incorporated

  74LVC2G34DW Datasheet HTML 1Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 2Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 3Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 4Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 5Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 6Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 7Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 8Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74LVC2G34
DUAL BUFFER
74LVC2G34
Document number: DS35165 Rev. 3 - 2
3 of 10
www.diodes.com
June 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
VO
Voltage applied to output in high impedance or IOFF state
-0.5 to 6.5
V
VO
Voltage applied to output in high or low state.
-0.3 to VCC +0.5
V
IIK
Input Clamp Current VI<0
-50
mA
IOK
Output Clamp Current
-50
mA
IO
Continuous output current
±50
mA
Continuous current through Vdd or GND
±100
mA
TJ
Operating Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-65 to 150
°C
Notes:
2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.65
5.5
V
Data retention only
1.5
V
VIH
High-level Input Voltage
VCC = 1.65V to 1.95V
0.65 X VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 3V to 3.6V
2
VCC = 4.5V to 5.5V
0.7 X VCC
VIL
Low-level input voltage
VCC = 1.65V to 1.95V
0.35 X VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 3V to 3.6V
0.8
VCC = 4.5V to 5.5V
0.3 X VCC
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-level output current
VCC = 1.65V
-4
mA
VCC = 2.3V
-8
VCC = 3V
-16
-24
VCC = 4.5V
-32
IOL
Low-level output current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 3V
16
24
VCC = 4.5V
32


Similar Part No. - 74LVC2G34DW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
   DUAL BUFFER GATE
2004 Sep 10
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
74LVC2G34 NXP-74LVC2G34 Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
74LVC2G34-Q100 NEXPERIA-74LVC2G34-Q100 Datasheet
204Kb / 12P
   Dual buffer gate
More results

Similar Description - 74LVC2G34DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NL27WZ16 ONSEMI-NL27WZ16_V01 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com