Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL9910_1106 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AL9910_1106
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910_1106 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AL9910_1106 Datasheet HTML 7Page - Diodes Incorporated AL9910_1106 Datasheet HTML 8Page - Diodes Incorporated AL9910_1106 Datasheet HTML 9Page - Diodes Incorporated AL9910_1106 Datasheet HTML 10Page - Diodes Incorporated AL9910_1106 Datasheet HTML 11Page - Diodes Incorporated AL9910_1106 Datasheet HTML 12Page - Diodes Incorporated AL9910_1106 Datasheet HTML 13Page - Diodes Incorporated AL9910_1106 Datasheet HTML 14Page - Diodes Incorporated AL9910_1106 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AL9910/AL9910A/AL9910-5
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A/AL9910-5
Document number: DS 35103 Rev. 3 - 2
14 of 15
www.diodes.com
June 2011
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SO-8
1.27typ
0.3/0.5
7°~9°
4.85/4.95
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"
Land Pattern Recommendation
(Unit: mm)
6x-1.27
8x-0.60
0°/8°
(2) Package Type: SO8-EP
1.27typ
0.3/0.5
7¢X~ 9¢X
4.85/4.95
0.15/0.25
7¢X~ 9¢X
0.62/0.82
45¢X
Detail "A"
Detail "A"
Bottom View
3.3Ref.
Exposed pad
8x- 0.60
Land Pattem Recommendat ion
(Unit:mm)
Exposed pad
1
1
1
6x- 1.27


Similar Part No. - AL9910_1106

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910 DIODES-AL9910_12 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
More results

Similar Description - AL9910_1106

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910 DIODES-AL9910 Datasheet
221Kb / 14P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910 DIODES-AL9910_12 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com