Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2337 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2337
Description  1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2337 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2337 Datasheet HTML 1Page - Diodes Incorporated AP2337 Datasheet HTML 2Page - Diodes Incorporated AP2337 Datasheet HTML 3Page - Diodes Incorporated AP2337 Datasheet HTML 4Page - Diodes Incorporated AP2337 Datasheet HTML 5Page - Diodes Incorporated AP2337 Datasheet HTML 6Page - Diodes Incorporated AP2337 Datasheet HTML 7Page - Diodes Incorporated AP2337 Datasheet HTML 8Page - Diodes Incorporated AP2337 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP2337
1.0A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
AP2337
Document number: DS35060 Rev. 2 - 2
3 of 10
www.diodes.com
September 2011
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
Input voltage
2.7
5.5
V
IOUT
Output Current
0
1.0
A
TA
Operating Ambient Temperature
-40
85
°C
Electrical Characteristics (TA = 25
oC, VIN = +5.0V, unless otherwise stated)
Symbol
Parameter
Test Conditions (Note 3)
Min
Typ.
Max
Unit
VUVLO
Input UVLO
VIN rising
2.00
2.65
V
IQ
Input quiescent current
Above UVLO, IOUT= 0
65
110
μA
IREV
Reverse leakage current
VIN = 0V, VOUT = 5V, IREV at VIN
0.01
0.1
μA
RDS(ON)
Switch on-resistance
VIN = 5V, IOUT = 1A
110
140
m
VIN = 3.3V, IOUT = 1A
140
170
ILIMIT
Over-load current limit
VIN = 5V, VOUT = 4V, CL=10μF
1.1
1.5
1.9
A
IOS
Short-circuit current
OUT connected to ground, CL=10μF
0.2
0.6
1.0
A
TSHORT Short-circuit response time
From VOUT < 0.6V to IOUT = 0A (OUT shorted to
GND) (See Figure. 1)(Note 7)
5
μs
IROCP
Reverse current limit
Above UVLO
0.3
0.5
0.7
A
TTrig
Deglitch time from reverse current
trigger to MOSFET turn off
0.6
ms
VOVP
Output over-voltage trip point
Above UVLO (Note 4)
110%
120%
VIN
TOVP
Debounce time from output over-
voltage to MOSFET turn off
15
μs
TON
Output turn-on time (Note 5)
CL = 1μF, Rload = 5Ω (UVLO to 90% VOUT-NOM)
1
4
ms
TDIS
Discharge time
CL= 1μF, from UVLO to VOUT < 0.3V
500
μs
TSHDN
Thermal shutdown threshold
150
°C
THYS
Thermal shutdown hysteresis
20
°C
θJA
Thermal Resistance Junction-to-
Ambient
(Note 6)
180
oC/W
Notes:
3. Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
4. During output over-voltage protection, the output draws approximately 60µA current.
5. Since the output turn-on slew rate is dependent on input supply slew rate, this limit is only applicable for input supply slew rate between 5V/0.2ms to
5V/1ms.
6. Device mounted on FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.
7. Applicable for output voltage slew rate
≤ 5V/30μs.
Figure 1. Short Circuit Response Time


Similar Part No. - AP2337

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP2330G10ST SCHNEIDER-AP2330G10ST Datasheet
78Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LGTH 10FT 3000A
AP2330G4ST SCHNEIDER-AP2330G4ST Datasheet
63Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 4FT 3000A
AP2330G8ST SCHNEIDER-AP2330G8ST Datasheet
63Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 8 FOOT
logo
Advanced Power Electron...
AP2330GN-HF A-POWER-AP2330GN-HF Datasheet
98Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2330GN-HF A-POWER-AP2330GN-HF_14 Datasheet
98Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP2337

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Diodes Incorporated
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Advanced Analog Technol...
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644 Datasheet
277Kb / 8P
   4-Channel Current Limited Load Switch
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com