Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP24X1MP-13 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP24X1MP-13
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP24X1MP-13 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP24X1MP-13 Datasheet HTML 7Page - Diodes Incorporated AP24X1MP-13 Datasheet HTML 8Page - Diodes Incorporated AP24X1MP-13 Datasheet HTML 9Page - Diodes Incorporated AP24X1MP-13 Datasheet HTML 10Page - Diodes Incorporated AP24X1MP-13 Datasheet HTML 11Page - Diodes Incorporated AP24X1MP-13 Datasheet HTML 12Page - Diodes Incorporated AP24X1MP-13 Datasheet HTML 13Page - Diodes Incorporated AP24X1MP-13 Datasheet HTML 14Page - Diodes Incorporated AP24X1MP-13 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AP2401/AP2411
2.0A SINGLE CHANNEL CURRENT-LIMITED
POWER SWITCH WITH LATCH-OFF
AP2401/AP2411
Document number: DS35113 Rev. 3 - 2
11 of 15
www.diodes.com
June 2011
© Diodes Incorporated
Application Notes
Discharge Function
The discharge function of the device is active when
enable is disabled or de-asserted. The discharge
function with the N-MOS power switch implementation
is activated and offers a resistive discharge path for
the external storage capacitor.
This is designed for
discharging any residue of the output voltage when either
no external output resistance or load resistance is
present at the output.
Ordering Information
 
AP 2 4 X 1 XXX - X
0 : Active Low
1 : Active High
7/13 : Tape & Reel
1 : 1 Channel
Channel
Package
Enable
Packing
S : SO-8
MP : MSOP-8EP
FGE : DFN3030E-8
Device
Package
Code
Packaging
(Note 7)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP24X1S-13
S
SO-8
2500/Tape & Reel
-13
AP24X1MP-13
MP
MSOP-8EP
2500/Tape & Reel
-13
AP24X1FGE-7
FGE
DFN3030-8
3000/Tape & Reel
-7
Note:
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1) SO-8
AP24 X 1
( Top view )
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
X : Internal Code
876
5
1
2
34
0 : Active Low
1 : Active High
1 : 1 Channel
represents 52 and 53 week
X : Internal Code


Similar Part No. - AP24X1MP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP24X1AFGE-7 DIODES-AP24X1AFGE-7 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP24X1AM8-13 DIODES-AP24X1AM8-13 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP24X1AMP-13 DIODES-AP24X1AMP-13 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP24X1AS-13 DIODES-AP24X1AS-13 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP24X1ASN-7 DIODES-AP24X1ASN-7 Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
More results

Similar Description - AP24X1MP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2401 DIODES-AP2401_13 Datasheet
454Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2401A DIODES-AP2401A Datasheet
494Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
March 2015
AP2401S-13 DIODES-AP2401S-13 Datasheet
475Kb / 19P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301 DIODES-AP2301_13 Datasheet
441Kb / 18P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
   2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
AP2171WG-7 DIODES-AP2171WG-7 Datasheet
457Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2101 DIODES-AP2101 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2101 DIODES-AP2101_10 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com