Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP5110TA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # BCP5110TA
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP5110TA Datasheet(HTML) 6 Page - Diodes Incorporated

  BCP5110TA Datasheet HTML 1Page - Diodes Incorporated BCP5110TA Datasheet HTML 2Page - Diodes Incorporated BCP5110TA Datasheet HTML 3Page - Diodes Incorporated BCP5110TA Datasheet HTML 4Page - Diodes Incorporated BCP5110TA Datasheet HTML 5Page - Diodes Incorporated BCP5110TA Datasheet HTML 6Page - Diodes Incorporated BCP5110TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BCP 51 / 52 / 53
Datasheet Number: DS35366 Rev. 2 – 2
6 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCP 51 / 52 / 53
Package Outline Dimensions
Suggested Pad Layout
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
4.60
e1
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions
Value (in mm)
X1
3.3
X2
1.2
Y1
1.6
Y2
1.6
C1
6.4
C2
2.3
A1
A
X2
C1
C2
X1
Y2
Y1


Similar Part No. - BCP5110TA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Continental Device Indi...
BCP51 CDIL-BCP51 Datasheet
211Kb / 4P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Nanjing International G...
BCP51 DGNJDZ-BCP51 Datasheet
768Kb / 2P
   PNP Transistors
logo
Siemens Semiconductor G...
BCP51 SIEMENS-BCP51 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
673Kb / 2P
   PNP Transistors
More results

Similar Description - BCP5110TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
BCP51_52_53 DIODES-BCP51_52_53_15 Datasheet
399Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT223
FZT788B DIODES-FZT788B Datasheet
93Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT796A DIODES-FZT796A Datasheet
90Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT795A DIODES-FZT795A Datasheet
97Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT790A DIODES-FZT790A Datasheet
94Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM
FZT558TA DIODES-FZT558TA Datasheet
378Kb / 6P
   400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com