Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX51 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BCX51
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX51 Datasheet(HTML) 4 Page - Diodes Incorporated

  BCX51 Datasheet HTML 1Page - Diodes Incorporated BCX51 Datasheet HTML 2Page - Diodes Incorporated BCX51 Datasheet HTML 3Page - Diodes Incorporated BCX51 Datasheet HTML 4Page - Diodes Incorporated BCX51 Datasheet HTML 5Page - Diodes Incorporated BCX51 Datasheet HTML 6Page - Diodes Incorporated BCX51 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCX 51 / 52 / 53
Datasheet Number: DS35368 Rev. 2 – 2
4 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCX 51 / 52 / 53
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base
Breakdown Voltage
BCX51
BVCBO
-45
-
-
V
IC = -100µA
BCX52
-60
BCX53
-100
Collector-Emitter
Breakdown Voltage (Note 6)
BCX51
BVCEO
-45
-
-
V
IC = -10mA
BCX52
-60
BCX53
-80
Emitter-Base Breakdown Voltage
BVEBO
-5
-
-
V
IE = -10µA
Collector Cut-off Current
ICBO
-
-
-0.1
-20
µ
A
VCB = -30V
VCB = -30V, TA = 150°C
Emitter Cut-off Current
IEBO
-
-
-20
nA
VEB = -4V
Static Forward Current Transfer Ratio (Note 6)
All versions
hFE
25
40
25
-
-
-
-
250
-
IC = -5mA, VCE = -2V
IC = -150mA, VCE = -2V
IC = -500mA, VCE = -2V
10 gain grp
63
-
160
IC = -150mA, VCE = -2V
16 gain grp
100
-
250
IC = -150mA, VCE = -2V
Collector-Emitter Saturation Voltage (Note 6)
VCE(sat)
-
-
-0.5
V
IC = -500mA, IB = -50mA
Base-Emitter Turn-On Voltage (Note 6)
VBE(on)
-
-
-1.0
V
IC = -500mA, VCE = -2V
Transition Frequency
fT
150
-
-
MHz
IC = -50mA, VCE = -10V
f = 100MHz
Output Capacitance
Cobo
-
-
25
pF
VCB = -10V, f = 1MHz
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.
0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
I = 2mA
B
I = 4mA
B
I = 6mA
B
I = 8mA
B
I = 10mA
B
Fig. 1 Typical Collector Current
vs. Collector-Emitter Voltage
0
100
200
300
400
500
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 2 Typical DC Current Gain vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -5V
CE


Similar Part No. - BCX51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX51 PHILIPS-BCX51 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
WILLAS ELECTRONIC CORP
BCX51 WILLAS-BCX51 Datasheet
369Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
logo
First Silicon Co., Ltd
BCX51 FS-BCX51 Datasheet
312Kb / 4P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51 SIEMENS-BCX51 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
NXP Semiconductors
BCX51 NXP-BCX51 Datasheet
242Kb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
More results

Similar Description - BCX51

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
logo
SHIKUES Electronics
BCX51 SKTECHNOLGY-BCX51 Datasheet
1Mb / 4P
   PNP Silcon Planar Medium Power Transistors In SOT89
logo
Diodes Incorporated
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX54 DIODES-BCX54 Datasheet
146Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX51_52_53 DIODES-BCX51_52_53_15 Datasheet
374Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT89
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com