Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX5216TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BCX5216TA
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX5216TA Datasheet(HTML) 5 Page - Diodes Incorporated

  BCX5216TA Datasheet HTML 1Page - Diodes Incorporated BCX5216TA Datasheet HTML 2Page - Diodes Incorporated BCX5216TA Datasheet HTML 3Page - Diodes Incorporated BCX5216TA Datasheet HTML 4Page - Diodes Incorporated BCX5216TA Datasheet HTML 5Page - Diodes Incorporated BCX5216TA Datasheet HTML 6Page - Diodes Incorporated BCX5216TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BCX 51 / 52 / 53
Datasheet Number: DS35368 Rev. 2 – 2
5 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCX 51 / 52 / 53
0
0.2
0.4
0.6
0.8
1.0
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT(A)
C
Fig 3 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -2V
CE
0
0.1
0.2
0.3
0.4
0.5
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I / I = 10
CB
0
50
100
150
200
250
300
020
40
60
80
100
-I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Gain-Bandwidth Product vs. Collector Current
V
= -5V
CE
f = 100MHz
0
20
40
60
80
100
120
140
160
010
20
30
40
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
Cobo
Cibo
f = 1MHz


Similar Part No. - BCX5216TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCX5216Q DIODES-BCX5216Q Datasheet
398Kb / 7P
   125V NPN MEDIUM POWER TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
More results

Similar Description - BCX5216TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
logo
SHIKUES Electronics
BCX51 SKTECHNOLGY-BCX51 Datasheet
1Mb / 4P
   PNP Silcon Planar Medium Power Transistors In SOT89
logo
Diodes Incorporated
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX54 DIODES-BCX54 Datasheet
146Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX51_52_53 DIODES-BCX51_52_53_15 Datasheet
374Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT89
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com