Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43216VC-52Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # HSP43216VC-52Z
Description  Halfband Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43216VC-52Z Datasheet(HTML) 5 Page - Intersil Corporation

  HSP43216VC-52Z Datasheet HTML 1Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 2Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 3Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 4Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 5Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 6Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 7Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 8Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN3365.10
October 6, 2008
For added flexibility, a spectrally reversed version of the
above process may be realized by configuring the Down
Convert processor to impart a positive fS/4 spectral shift on
the input signal. This has the effect of centering the lower
sideband of the input signal at DC and is achieved by
reversing the sign of the sine term in the quadrature mix as
shown below:
The direction of the spectral shift imparted by the Down
Convert Processor is set by the Upper Sideband/ Lower
Sideband control input, USB/LSB. When this input is high, a
-fS/4 spectral shift is used to center the input signal’s upper
sideband at DC. When asserted low, a spectral shift of fS/4
is used to center the lower sideband at DC. The SYNC
control input may be used to synchronize the incoming data
stream with the zero degree phase of the complex
exponential as described in the Operational Modes section.
The real and imaginary sample streams generated by the
down convert operation are passed to the Halfband Filter
block on the upper and lower processing legs respectively.
The Down Convert Processor is only active in Down Convert
and Decimate Mode, MODE1-0 = 10. In the other modes,
the data on the upper and lower processing legs pass
unaltered.
67-Tap Halfband Filter Processor
The processing required to implement the 67-Tap Halfband
filter is distributed across two polyphase branches
comprised of even and odd tap filters as shown in Figure 1.
The Even Tap Filter performs a filtering operation using the
even indexed coefficients (even phase) of the halfband filter.
The Odd Tap Filter uses the odd indexed coefficients (odd
phase) of the halfband filter. NOTE: the odd tap filter’s
processing reduces to a delay and scale operation since
the center tap is the only non-zero odd tap for a
halfband filter. Together the polyphase filters perform the
sum of-products required to implement the 67-tap halfband
filter in an architecture capable of supporting a variety of
operational modes. The frequency response of the halfband
filter is given graphically in Figure 2 and in tabular form in
Table 3. Table 2 shows the different modes and the related
frequency with which the spectra in Figure 2 is normalized.
The polyphase implementation of the halfband filter
provides the flexibility to realize a variety of filter
configurations. In Decimate by Two Mode, the outputs of
the each polyphase branch are summed to yield the filter
output. In Interpolate by Two mode, the polyphase filters
produce independent outputs which are multiplexed into a
single sample stream at the interpolated data rate. In the
Up Convert and Down Convert Modes, the polyphase
branches filter the real and imaginary components of a
complex sample stream with the equivalent of identical 67-
Tap Halfband Filters. For these modes, the real component
is processed by the Even Tap filter and the imaginary
component is processed by the Odd Tap filter. The
Operational Modes Section provides further details
regarding the data flow and operation of the Filter
Processor for the various modes.
As a standard DSP term, group delay is defined as the time
it takes to obtain valid filtered data given a certain input
pattern. Both the Even Tap and Odd Tap filters have an
identical group delay of 19 clocks relative to the operating
mode of the halfband. The group delay has been specified in
the data flow diagrams following this section. The delay
clocks equal CLK when INT/EXT = 0 and CLK/2 when
INT/EXT = 1.
NOTE: Pipeline delay specifies the time it takes for bits to
toggle at the output given a certain input pattern. The Odd tap
filter has a pipeline delay of 19 CLKs with respect to the
operating mode because it consists of only the center tap of the
67-tap halfband. The Even tap filter has a pipeline delay of 2-35
CLKs with respect to the operating mode.
TABLE 2. NORMALIZED FREQUENCY vs MODE
MODE
fS
Decimate by Two
CLK
Interpolate by Two
CLK/2
Down Convert and Decimate
CLK
Quadrature to Real
CLK/2
xn
()
ej πn2
()
x n
()
πn2
()
jx n
()
πn2
()
sin
+
cos
=
(EQ. 2)
0
-20
-40
-60
-80
-100
-120
0fS/4
FS/2
NORMALIZED FREQUENCY
3fS/8
fS/8
FIGURE 2. FREQUENCY RESPONSE OF 67-TAP HALFBAND
FILTER
HSP43216


Similar Part No. - HSP43216VC-52Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43216VC-52Z INTERSIL-HSP43216VC-52Z Datasheet
589Kb / 20P
   Halfband Filter
logo
Renesas Technology Corp
HSP43216VC-52Z RENESAS-HSP43216VC-52Z Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
More results

Similar Description - HSP43216VC-52Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43216 RENESAS-HSP43216 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216 INTERSIL-HSP43216_07 Datasheet
589Kb / 20P
   Halfband Filter
HSP43216 INTERSIL-HSP43216 Datasheet
144Kb / 19P
   Halfband Filter
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
   SAW filter 2in1 filter
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
   FILTER
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
   FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
   FILTER
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
   FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
   FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
   FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com