Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50216KIZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # HSP50216KIZ
Description  Four-Channel Programmable Digital Downconverter
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50216KIZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HSP50216KIZ Datasheet HTML 4Page - Intersil Corporation HSP50216KIZ Datasheet HTML 5Page - Intersil Corporation HSP50216KIZ Datasheet HTML 6Page - Intersil Corporation HSP50216KIZ Datasheet HTML 7Page - Intersil Corporation HSP50216KIZ Datasheet HTML 8Page - Intersil Corporation HSP50216KIZ Datasheet HTML 9Page - Intersil Corporation HSP50216KIZ Datasheet HTML 10Page - Intersil Corporation HSP50216KIZ Datasheet HTML 11Page - Intersil Corporation HSP50216KIZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
8
FN4557.6
August 17, 2007
The parallel input busses are 16 bits wide. The input format
may be twos complement or offset binary format. A floating
point mode is also supported. The floating point modes and
the mapping of the parallel 16-bit input format is discussed
below.
Floating Point Input Mode Bit Mapping
The input bit weighting for fixed point inputs on busses A, B,
C, and D is:
bit 15 (MSB): 20, bit 14: 2-1, bit 13: 2-2, ..., bit 0: 2-15.
For floating point modes, the least significant 2 or 3 bits are
used as exponent bits (See Floating Point Input Mode Bit
Mapping Tables). The difference between the four floating
point modes with three exponent bits is where the exponent
saturates.
Floating Point Input Mode Bit Mapping Tables
A(15:0), B(15:0), C(15:0) or D(15:0):
15
14
13
12
11
10
9876
5
4
3
2
1
0
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
2-11
2-12
2-13/(exp2)
(exp1)
(exp0)
11-BIT MODE: 11 to 13-BIT MANTISSA, 3-BIT EXPONENT, 30dB EXPONENT RANGE
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
000
0
X15
X15
X15
X15
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
001
6
X15
X15
X15
X15
X15
X14
X13
X12
X11
X10
X9X8X7X6X5X4
010
12
X15
X15
X15
X15
X14
X13
X12
X11
X10
X9X8X7X6X5X4X3
011
18
X15
X15
X15
X14
X13
X12
X11
X10
X9X8X7X6X5X4X3
0
100
24
X15
X15
X14
X13
X12
X11
X10
X9X8X7X6X5X4X3
0
0
101 (Note 1)
30
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
0
NOTES:
1. Or 110 or 111, the exponent input saturates at 10.
2. “Xnn” = input A, B, C, or D bit nn.
12-BIT MODE: 12 to 13-BIT MANTISSA, 3-BIT EXPONENT, 24dB EXPONENT RANGE
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
000
0
X15
X15
X15
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
001
6
X15
X15
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
010
12
X15
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
011
18
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
100 (Note 3)
24
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
0
NOTE:
3. Or 101, 110, or 111, the exponent input saturates at 100.
13-BIT MODE: 13-BIT MANTISSA, 3-BIT EXPONENT, 18dB EXPONENT RANGE
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
000
0
X15
X15
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
001
6
X15
X15
X15
X14
X13
X12
X11
X10
X9
X8X7X6X5X4X3
0
010
12
X15
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
011 (Note 4)
18
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
0
0
0
NOTE:
4. Or 100, 101, 110, or 111, the exponent input saturates at 011.
HSP50216


Similar Part No. - HSP50216KIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Renesas Technology Corp
HSP50216KIZ RENESAS-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
More results

Similar Description - HSP50216KIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com