Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3282EMRTEP-TK Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL3282EMRTEP-TK
Description  RS-485/RS-422 Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3282EMRTEP-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL3282EMRTEP-TK Datasheet HTML 1Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 2Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 3Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 4Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 5Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 6Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 7Page - Intersil Corporation ISL3282EMRTEP-TK Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ISL3282EMRTEP
3
FN7595.1
February 15, 2011
Typical Operating Circuits
NETWORK WITH VL PIN FOR INTERFACE TO LOWER VOLTAGE LOGIC DEVICES
0.1µF
+
R
5
8
4
1
7
2
VCC
GND
RO
RE
B
A
+3.3V TO 5V
0.1µF
+
D
7
6
8
2
3
4, 5
VCC
GND
DE
DI
Z
Y
RT
+3.3V
ISL3282EMRTEP
ISL3298EMRTEP
1
VL
2.5V
6
VL
1.8V
VCC
LOGIC
DEVICE
(mP, ASIC,
UART)
VCC
LOGIC
DEVICE
(µP, ASIC,
UART)
Test Circuits and Waveforms
FIGURE 1A. TEST CIRCUIT
FIGURE 1B. MEASUREMENT POINTS
FIGURE 1. RECEIVER PROPAGATION DELAY AND DATA RATE
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. RECEIVER ENABLE AND DISABLE TIMES
SIGNAL
GENERATORS
R
RO
RE
A
B
GND
15pF
RE
VCC
RO
+1V
-1V
tPLH
0V
0V
VCC OR VL
0V
50%
50%
tPHL
A
B
1kΩ
VCC OR VL
GND
SW
PARAMETER
A
SW
tHZ
+1.5V
GND
tLZ
-1.5V
VCC OR VL
tZH
+1.5V
GND
tZL
-1.5V
VCC OR VL
SIGNAL
GENERATOR
R
RO
RE
A
B
GND
15pF
RO
3V
0V
1.5V
1.5V
VOH
0V
50%
VOH - 0.25V
tHZ
RO
VCC OR VL
VOL
50%
VOL + 0.25V
tLZ
RE
OUTPUT HIGH
OUTPUT LOW
tZL
tZH


Similar Part No. - ISL3282EMRTEP-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3282EMRTEP-TK RENESAS-ISL3282EMRTEP-TK Datasheet
520Kb / 9P
   ±16.5kV ESD Protected, 16Mbps, with Active Low Rx EN, RS-485/422 Receiver
June 17, 2016
More results

Similar Description - ISL3282EMRTEP-TK

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4510 ADVANTECH-ADAM-4510_15 Datasheet
236Kb / 1P
   RS-422/485 Repeater
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com