Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22346UFV20Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL22346UFV20Z
Description  Quad Digitally Controlled Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346UFV20Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL22346UFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 9Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 10Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 11Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 12Page - Intersil Corporation ISL22346UFV20Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6177.2
September 3, 2009
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZSERROR vs TEMPERATURE
FIGURE 6. FSERROR vs TEMPERATURE
FIGURE 7. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 8. INL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
Typical Performance Curves (Continued)
-0.2
-0.1
0
0.1
0.2
0
2040
6080
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 5.5V
VCC = 2.7V
-0.2
-0.1
0
0.1
0.2
0
20
40
60
80
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 5.5V
VCC = 2.7V
-0.3
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VCC = 5.5V
VCC = 2.7V
50k
10k
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
VCC = 5.5V
VCC = 2.7V
50k
10k
-0.6
-0.4
-0.2
0
0.2
0.4
16
36
56
76
96
116
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
-0.6
-0.4
-0.2
0
0.2
0.4
16
36
56
76
96
116
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
ISL22346


Similar Part No. - ISL22346UFV20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
logo
Renesas Technology Corp
ISL22346UFV20Z RENESAS-ISL22346UFV20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

Similar Description - ISL22346UFV20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com