Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22414TFU10Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL22414TFU10Z
Description  Single Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22414TFU10Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL22414TFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22414TFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6424.1
December 16, 2010
fcutoff
-3dB Cut Off Frequency
Wiper at midpoint (80hex) W option (10k)
1000
kHz
Wiper at midpoint (80hex) U option (50k)
250
kHz
Wiper at midpoint (80hex) T option (100k)
120
kHz
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 14)
Integral Non-linearity
W option
-3
±1.5
3
MI
(Note 11)
U, T option
-1
±0.3
1
MI
(Note 11)
RDNL
(Note 13)
Differential Non-linearity
W option
-1.5
±0.4
1.5
MI
(Note 11)
U, T option
-0.5
±0.15
0.5
MI
(Note 11)
Roffset
(Note 12)
Offset
W option
0
1
5
MI
(Note 11)
U, T option
0
0.5
2
MI
(Note 11)
TCR
(
Notes 15)
Resistance Temperature
Coefficient
DCP register set between 32 hex and FF hex
±50
ppm/°C
Analog Specifications
Over recommended operating conditions unless otherwise stated. Boldface limits apply over the operating
temperature range. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified. Boldface limits apply over the
operating temperature range.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
ICC1
VCC Supply Current
(volatile write/read)
VCC = 5.5V, V- = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
0.36
1
mA
VCC = 2.25V, V- = -2.25V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
0.13
0.4
mA
IV-1
V- Supply Current
(volatile write/read)
V- = -5.5V, VCC = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
-1
-0.18
mA
V- = -2.25V, VCC = 2.25V, fSCK = 5MHz; (for SPI
Active, Read and Volatile Write states only)
-0.4
-0.06
mA
ICC2
VCC Supply Current
(non-volatile write/read)
VCC = 5.5V, V- = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
1
2
mA
VCC = 2.25V, V- = -2.25V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
0.3
0.7
mA
IV-2
V- Supply Current
(non-volatile write/read)
V- = -5.5V, VCC = 5.5V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
-2
-1.2
mA
V- Supply Current
(non-volatile write/read)
V- = -2.25V, VCC = 2.25V, fSCK = 5MHz; (for SPI
Active, Read and Non-volatile Write states only)
-0.7
-0.4
mA
ISB
VCC Current (standby)
VCC = +5.5V, V- = -5.5V @ +85°C, SPI interface
in standby state
0.2
1.5
µA
VCC = +5.5V, V- = -5.5V @ +125°C, SPI
interface in standby state
12.5
µA
VCC = +2.25V, V- = -2.25V @ +85°C, SPI
interface in standby state
0.1
1
µA
VCC = +2.25V, V- = -2.25V @ +125°C, SPI
interface in standby state
0.5
2
µA
ISL22414


Similar Part No. - ISL22414TFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414TFU10Z RENESAS-ISL22414TFU10Z Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22414TFU10Z-TK INTERSIL-ISL22414TFU10Z-TK Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414TFU10Z-TK RENESAS-ISL22414TFU10Z-TK Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
More results

Similar Description - ISL22414TFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com