Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23315UFRUZ-TK Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL23315UFRUZ-TK
Description  Single, Low Voltage Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315UFRUZ-TK Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL23315UFRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 10Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 11Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 12Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 13Page - Intersil Corporation ISL23315UFRUZ-TK Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL23315
10
FN7778.1
August 15, 2011
Typical Performance Curves
FIGURE 3. 10k DNL vs TAP POSITION, VCC = 5V
FIGURE 4. 50k DNL vs TAP POSITION, VCC = 5V
FIGURE 5. 10k INL vs TAP POSITION, VCC = 5V
FIGURE 6. 50k INL vs TAP POSITION, VCC = 5V
FIGURE 7. 10k RDNL vs TAP POSITION, VCC = 5V
FIGURE 8. 50k RDNL vs TAP POSITION, VCC = 5V
-0.4
-0.2
0
0.2
0.4
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.30
-0.15
0
0.15
0.30
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.4
-0.2
0
0.2
0.4
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.30
-0.15
0
0.15
0.30
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.4
-0.2
0
0.2
0.4
0
50
100
150
200
250
TAP POSITION (DECIMAL)
-0.30
-0.15
0
0.15
0.30
0
50
100
150
200
250
TAP POSITION (DECIMAL)


Similar Part No. - ISL23315UFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315UFRUZ-TK INTERSIL-ISL23315UFRUZ-TK Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315UFRUZ-TK INTERSIL-ISL23315UFRUZ-TK Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315UFRUZ-TK RENESAS-ISL23315UFRUZ-TK Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23315UFRUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23415TFUZ INTERSIL-ISL23415TFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com