Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLHS6242TRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLHS6242TRPBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLHS6242TRPBF Datasheet(HTML) 5 Page - International Rectifier

  IRLHS6242TRPBF Datasheet HTML 1Page - International Rectifier IRLHS6242TRPBF Datasheet HTML 2Page - International Rectifier IRLHS6242TRPBF Datasheet HTML 3Page - International Rectifier IRLHS6242TRPBF Datasheet HTML 4Page - International Rectifier IRLHS6242TRPBF Datasheet HTML 5Page - International Rectifier IRLHS6242TRPBF Datasheet HTML 6Page - International Rectifier IRLHS6242TRPBF Datasheet HTML 7Page - International Rectifier IRLHS6242TRPBF Datasheet HTML 8Page - International Rectifier IRLHS6242TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRLHS6242PbF
www.irf.com
5
Fig 13. Typical On-Resistance vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 15. Typical Power vs. Time
Fig 14. Maximum Avalanche Energy vs. Drain Current
Fig 16.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
CircuitLayoutConsiderations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
10
20
30
40
50
60
70
ID
TOP
2.2A
4.3A
BOTTOM 8.5A
1E-5
1E-4
1E-3
1E-2
1E-1
1E+0
Time (sec)
0
100
200
300
400
500
600
0
2
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
5
10
15
20
25
ID = 8.5A
TJ = 125°C
TJ = 25°C
0
10
20
30
40
50
60
70
ID, Drain Current (A)
5
10
15
20
25
30
35
Vgs = 2.5V
Vgs = 4.5V


Similar Part No. - IRLHS6242TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLHS6242 IRF-IRLHS6242 Datasheet
268Kb / 2P
   Small PowIR MOSFETs
IRLHS6242PBF IRF-IRLHS6242PBF Datasheet
246Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLHS6242PBF IRF-IRLHS6242PBF_15 Datasheet
246Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRLHS6242TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com