Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28114 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28114
Description  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28114 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28114_11 Datasheet HTML 4Page - Intersil Corporation ISL28114_11 Datasheet HTML 5Page - Intersil Corporation ISL28114_11 Datasheet HTML 6Page - Intersil Corporation ISL28114_11 Datasheet HTML 7Page - Intersil Corporation ISL28114_11 Datasheet HTML 8Page - Intersil Corporation ISL28114_11 Datasheet HTML 9Page - Intersil Corporation ISL28114_11 Datasheet HTML 10Page - Intersil Corporation ISL28114_11 Datasheet HTML 11Page - Intersil Corporation ISL28114_11 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ISL28114, ISL28214, ISL28414
8
FN6800.5
June 23, 2011
FIGURE 14. SMALL SIGNAL TRANSIENT RESPONSE, VS = ±2.5V
FIGURE 15. LARGE SIGNAL TRANSIENT RESPONSE vs
RL VS = ±0.9V, ±2.5V
FIGURE 16. NEGATIVE OUTPUT OVERLOAD RESPONSE TIME,
VS = ±0.9V, ±2.5V
FIGURE 17. POSITIVE OUTPUT OVERLOAD RESPONSE TIME,
VS = ±0.9V, ±2.5V
FIGURE 18. % OVERSHOOT vs LOAD CAPACITANCE, VS = ±2.5V
Typical Performance Curves V
S = ±2.5V, V
CM = 0V, RL = Open, unless otherwise specified. (Continued)
TIME (ns)
-40
-30
-20
-10
0
10
20
30
0
80
160 240 320 400 480 560 640 720 800
RL = 10k
AV = +1
CL = 15pF
VOUT = 50mVP-P
VS = ±2.5V
-3
-2
-1
0
1
2
3
0
12345
6789
10
TIME (µs)
RL = 10k
AV = +1
CL = 15pF
VOUT = RAIL
VS = ±0.9V
VS = ±2.5V
TIME (ms)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.3
3.6
4.0
INPUT
RL = INF
AV =10
CL = 15pF
Rf = 9.09k, Rg = 1k
OUTPUT @ VS = ±0.9V
OUTPUT @ VS = ±2.5V
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
TIME (ms)
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
INPUT
RL = INF
AV =10
CL = 15pF
Rf = 9.09k, Rg = 1k
OUTPUT @ VS=±0.9V
OUTPUT @ VS = ±2.5V
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.3
3.6
4.0
CAPACITANCE (pF)
10
100
1k
10k
0
10
20
30
40
50
60
70
80
VS = ±2.5V
RL = 10k
AV = 1
VOUT = 50mVP-P


Similar Part No. - ISL28114_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28114FEZ-T7 INTERSIL-ISL28114FEZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114FEZ-T7 RENESAS-ISL28114FEZ-T7 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114FEZ-T7A INTERSIL-ISL28114FEZ-T7A Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114FEZ-T7A RENESAS-ISL28114FEZ-T7A Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114FHZ-T7 INTERSIL-ISL28114FHZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results

Similar Description - ISL28114_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com