Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28133FHZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28133FHZ-T7
Description  Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28133FHZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28133FHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 14Page - Intersil Corporation ISL28133FHZ-T7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ISL28133
11
FN6560.5
July 22, 2011
Applications Information
Functional Description
The ISL28133 uses a proprietary chopper-stabilized architecture
shown in the “Block Diagram” on page 2. The ISL28133
combines a 400kHz main amplifier with a very high open loop
gain (174dB) chopper stabilized amplifier to achieve very low
offset voltage and drift (2µV, 0.02µV/°C typical) while
consuming only 18µA of supply current per channel.
This multi-path amplifier architecture contains a time continuous
main amplifier whose input DC offset is corrected by a
parallel-connected, high gain chopper stabilized DC correction
amplifier operating at 100kHz. From DC to ~5kHz, both
amplifiers are active with DC offset correction and most of the
low frequency gain is provided by the chopper amplifier. A 5kHz
crossover filter cuts off the low frequency amplifier path leaving
the main amplifier active out to the 400kHz gain-bandwidth
product of the device.
The key benefits of this architecture for precision applications are
very high open loop gain, very low DC offset, and low 1/f noise.
The noise is virtually flat across the frequency range from a few
mHz out to 100kHz, except for the narrow noise peak at the
amplifier crossover frequency (5kHz).
Rail-to-rail Input and Output (RRIO)
The RRIO CMOS amplifier uses parallel input PMOS and NMOS
that enable the inputs to swing 100mV beyond either supply rail.
The inverting and non-inverting inputs do not have back-to-back
input clamp diodes and are capable of maintaining high input
impedance at high differential input voltages. This is effective in
eliminating output distortion caused by high slew-rate input
signals.
The output stage uses common source connected PMOS and
NMOS devices to achieve rail-to-rail output drive capability with
17mA current limit and the capability to swing to within 20mV of
either rail while driving a 10k
Ω load.
IN+ and IN- Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. For applications where
either input is expected to exceed the rails by 0.5V, an external
series resistor must be used to ensure the input currents never
exceed 20mA (see Figure 35).
Layout Guidelines for High Impedance Inputs
To achieve the maximum performance of the high input
impedance and low offset voltage of the ISL28133 amplifiers,
care should be taken in the circuit board layout. The PC board
surface must remain clean and free of moisture to avoid leakage
currents between adjacent traces. Surface coating of the circuit
board will reduce surface moisture and provide a humidity barrier,
reducing parasitic resistance on the board.
High Gain, Precision DC-Coupled Amplifier
The circuit in Figure 36 implements a single-stage, 10kV/V
DC-coupled amplifier with an input DC sensitivity of under 100nV
that is only possible using a low VOS amplifier with high open
loop gain. This circuit is practical down to 1.8V due to it's
rail-to-rail input and output capability. Standard high gain DC
amplifiers operating from low voltage supplies are not practical
at these high gains using typical low offset precision op amps
because the input offset voltage and temperature coefficient
consume most of the available output voltage swing. For
example, a typical precision amplifier in a gain of 10kV/V with a
±100µV VOS and a temperature coefficient of 0.5µV/°C would
produce a DC error at the output of >1V with an additional
5mV°C of temperature dependent error. At 3V, this DC error
consumes > 30% of the total supply voltage, making it
impractical to measure sub-microvolt low frequency signals.
The ±8µV max VOS and 0.075µV/°C of the ISL28133 produces a
temperature stable maximum DC output error of only ±80mV
with a maximum temperature drift of 0.75mV/°C. The additional
benefit of a very low 1/f noise corner frequency and some
feedback filtering enables DC voltages and voltage fluctuations
well below 100nV to be easily detected with a simple single
stage amplifier.
FIGURE 35. INPUT CURRENT LIMITING
-
+
RIN
RL
VIN
VOUT
FIGURE 36. HIGH GAIN, PRECISION DC-COUPLED AMPLIFIER
-
+
100
Ω
RL
VIN
VOUT
1M
Ω
1M
Ω,
100
Ω
-2.5V
+2.5V
ACL = 10kV/V
CF
0.018µF


Similar Part No. - ISL28133FHZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28133FHZ-T7 INTERSIL-ISL28133FHZ-T7 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28133FHZ-T7 INTERSIL-ISL28133FHZ-T7 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133FHZ-T7 RENESAS-ISL28133FHZ-T7 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133FHZ-T7A INTERSIL-ISL28133FHZ-T7A Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28133FHZ-T7A RENESAS-ISL28133FHZ-T7A Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
More results

Similar Description - ISL28133FHZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com