Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28134 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28134
Description  5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28134 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28134 Datasheet HTML 6Page - Intersil Corporation ISL28134 Datasheet HTML 7Page - Intersil Corporation ISL28134 Datasheet HTML 8Page - Intersil Corporation ISL28134 Datasheet HTML 9Page - Intersil Corporation ISL28134 Datasheet HTML 10Page - Intersil Corporation ISL28134 Datasheet HTML 11Page - Intersil Corporation ISL28134 Datasheet HTML 12Page - Intersil Corporation ISL28134 Datasheet HTML 13Page - Intersil Corporation ISL28134 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ISL28134
10
FN6957.2
July 25, 2011
FIGURE 21. INPUT NOISE VOLTAGE DENSITY vs FREQUENCY
FIGURE 22. INPUT NOISE VOLTAGE 0.1Hz TO 10Hz
FIGURE 23. INPUT NOISE CURRENT DENSITY vs FREQUENCY
FIGURE 24. OPEN LOOP GAIN AND PHASE, RL = 10M
FIGURE 25. OPEN LOOP GAIN AND PHASE, RL = 10k
FIGURE 26. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
Typical Performance Curves T
A =+25°C, VCM = 0V Unless otherwise specified. (Continued)
FREQUENCY (Hz)
0.1
1
10
100
1000
10k
100k
1
10
100
Vs = ±2.5V
AV = 1
0.01
0.001
TIME (s)
110
234
56
7
8
9
0
-300
-200
-100
0
100
200
300
Vs = ±2.5V
AV = 10,000
Rg = 10, Rf = 100k
0.1
1
10
100
1000
10k
100k
FREQUENCY (Hz)
100
1000
Vs = ±2.5V
AV = 1
RS = 5MΩ
CIN+ = 0pF
CIN+ =100pF
10
0
20
40
60
80
100
120
140
-20
Vs = ±2.5V
SIMULATION
RL = 10MΩ
GAIN
PHASE
0.1
1
10
100
1k
10k
1M
FREQUENCY (Hz)
100k
10M 100M
0
20
40
60
80
100
120
140
-20
Vs = ±2.5V
SIMULATION
RL = 10kΩ
GAIN
PHASE
0.1
1
10
100
1k
10k
1M
FREQUENCY (Hz)
100k
10M 100M
0
10
20
30
40
50
60
70
10
100
1k
10k
100k
1M
100M
FREQUENCY (Hz)
10M
80
90
-10
-20
-30
-40
AV = 1000
AV = 10,000
AV = 100
AV = 10
AV = 1
Rg = OPEN, Rf = 0
Rg = 10k, Rf = 100k
Rg = 1k, Rf = 100k
Rg = 100, Rf = 100k
Rg = 10, Rf = 100k
Vs = ± 2.5V
VOUT = 10mVP-P
CL = 3.7pF
RL = 100k


Similar Part No. - ISL28134

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28134 INTERSIL-ISL28134 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results

Similar Description - ISL28134

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com