Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28136FBZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL28136FBZ-T7
Description  5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28136FBZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL28136FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28136FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6153.5
April 5, 2011
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V
Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
110
Ambient Operating Temperature Range . . . . . . . . .-40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
8 Ld SOIC
-150
-270
±
10
150
270
µV
6 Ld SOT-23
-400
-450
±
10
400
450
µV
Input Offset Voltage vs Temperature
0.4
µV/°C
IOS
Input Offset Current
TA = -40°C to +85°C
-10
-15
010
15
nA
IB
Input Bias Current
TA = -40°C to +85°C
-35
-40
535
40
nA
VCM
Common-Mode Voltage Range
Guaranteed by CMRR
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
90
85
114
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.4V to 5.5V
90
85
99
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4V, RL = 100kΩ to VCM
600
500
1770
V/mV
VO = 0.5V to 4V, RL = 1kΩ to VCM
140
V/mV
VOUT
Maximum Output Voltage Swing
Output low, RL = 100kΩ to VCM
36
10
mV
Output low, RL = 1kΩ to VCM
70
90
110
mV
Output high, RL = 100kΩ to VCM
4.99
4.98
4.994
V
Output high, RL = 1kΩ to VCM
4.92
4.89
4.94
V
IS,ON
Supply Current, Enabled
Per Amp
0.8
0.9
1.1
1.4
mA
IS,OFF
Supply Current, Disabled
10
14
16
µA
IO+
Short-Circuit Output Source Current
RL = 10Ω to VCM
48
45
56
mA
ΔV
OS
ΔT
----------------
ISL28136


Similar Part No. - ISL28136FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28136FBZ-T7 INTERSIL-ISL28136FBZ-T7 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
logo
Renesas Technology Corp
ISL28136FBZ-T7 RENESAS-ISL28136FBZ-T7 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
More results

Similar Description - ISL28136FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com