Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28207FRTZ-T7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28207FRTZ-T7A
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28207FRTZ-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28207FRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL28207FRTZ-T7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
FN6631.3
September 9, 2010
VOH
Output Voltage High
RL = 10kΩ to ground
3.5
3.7
V
3.2
V
RL = 2kΩ to ground
3.3
3.55
V
3.1
V
VOL
Output Voltage Low
RL = 10kΩ to ground
-3.7
-3.5
V
-3.2
V
RL = 2kΩ to ground
-3.55
-3.3
V
-3.1
V
IS
Supply Current/Amplifier
RL = Open
0.21
0.29
mA
0.35
mA
ISC
Output Short-Circuit Current
(Note 9)
± 40
mA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
1
MHz
THD + N
Total Harmonic Distortion +
Noise
1kHz, G = 1, VO = 2.5VRMS, RL = 2kΩ
0.0053
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 2kΩ
0.32
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL =2kΩ to VCM
355
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL =2kΩ to VCM
370
ns
ts
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ,
RL =2kΩ to VCM
12.4
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, Rf = Rg = 2kΩ,
RL =2kΩ to VCM
22
µs
NOTES:
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
9. Output Short Circuit Current is the minimum current (source or sink) when the output is driven into the supply rails with
RL =0Ω to ground.
Electrical Specifications VS ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNIT
ISL28107, ISL28207, ISL28407


Similar Part No. - ISL28207FRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28207FRTZ INTERSIL-ISL28207FRTZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28207FRTZ INTERSIL-ISL28207FRTZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
logo
Renesas Technology Corp
ISL28207FRTZ RENESAS-ISL28207FRTZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Similar Description - ISL28207FRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com