Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL45042 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL45042
Description  LCD Module Calibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45042 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL45042_11 Datasheet HTML 1Page - Intersil Corporation ISL45042_11 Datasheet HTML 2Page - Intersil Corporation ISL45042_11 Datasheet HTML 3Page - Intersil Corporation ISL45042_11 Datasheet HTML 4Page - Intersil Corporation ISL45042_11 Datasheet HTML 5Page - Intersil Corporation ISL45042_11 Datasheet HTML 6Page - Intersil Corporation ISL45042_11 Datasheet HTML 7Page - Intersil Corporation ISL45042_11 Datasheet HTML 8Page - Intersil Corporation ISL45042_11 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FN6072.9
ISL45042
LCD Module Calibrator
The VCOM voltage of an LCD panel needs to be adjusted to
remove flicker. The ISL45042 can be used to digitally adjust
a panel’s VCOM voltage by controlling its output sink current.
The output of the ISL45042 is connected to an external
voltage divider and an external VCOM buffer amplifier. In this
application, the user can control the VCOM voltage with 7-bit
accuracy (128 steps). Once the desired VCOM setting is
obtained, the settings can be stored in the non-volatile
EEPROM memory, which would then be automatically
recalled during every power-up.
The VCOM adjustment and non-volatile memory
programming is through a single interface pin (CTL). Once
the desired programmed value is obtained, the Counter
Enable pin (CE) can be used to prevent further adjustment
or programming.
The full-scale sink current of the ISL45042 is set using an
external resistor connected to the SET pin. The full-scale
sink current determines the lowest voltage of the external
voltage divider.
The ISL45042 is available in an 8 Ld 3mmx3mm TDFN
package with a maximum thickness of 0.8mm for ultra thin
LCD panel design.
Pinout
ISL45042
(8 LD TDFN)
TOP VIEW
Features
• 128-Step Adjustable Sink Current Output
• 2.6V to 3.6V Digital Supply Voltage Operating Range
(3.0V Minimum Programming Voltage)
• 4.5V to 20V Analog Supply Voltage Operating Range
(10.8V Minimum Programming Voltage)
• Rewritable EEPROM for Storing the Optimum VCOM Value
• Output Adjustment Enable/Disable Control
• Output Guaranteed Monotonic Over-Temperature
• Two Pin Adjustment, Programming and Enable
• Ultra Thin 8 Ld 3mmx3mm DFN (0.8mm Max)
• Pb-Free (RoHS Compliant)
Applications
• LCD Panels
OUT
AVDD
DNC
GND
1
2
3
4
8
7
6
5
SET
CE
CTL
VDD
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL45042IRZ
042Z
-40 to +85 8 Ld 3x3 TDFN
L8.3x3A
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-
free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information
page for ISL45042. For more information on MSL please see
techbrief TB363.
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
Copyright © Intersil Americas Inc. 2005-2008, 2011. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
April 13, 2011


Similar Part No. - ISL45042_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
141Kb / 8P
   LCD Module Calibrator
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042AIRZ INTERSIL-ISL45042AIRZ Datasheet
141Kb / 8P
   LCD Module Calibrator
ISL45042AIRZ INTERSIL-ISL45042AIRZ Datasheet
148Kb / 8P
   LCD Module Calibrator
More results

Similar Description - ISL45042_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
   LCD Module Calibrator
ISL45042 INTERSIL-ISL45042 Datasheet
148Kb / 8P
   LCD Module Calibrator
logo
Renesas Technology Corp
ISL45042 RENESAS-ISL45042 Datasheet
517Kb / 9P
   LCD Module Calibrator
logo
Intersil Corporation
ISL45042IRZ INTERSIL-ISL45042IRZ Datasheet
350Kb / 9P
   LCD Module Calibrator
April 13, 2011
ISL45042A INTERSIL-ISL45042A_07 Datasheet
141Kb / 8P
   LCD Module Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Intersil Corporation
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com