Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54060IRTZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54060IRTZ
Description  Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54060IRTZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54060IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 11Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 12Page - Intersil Corporation ISL54060IRTZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN6580.2
November 3, 2009
Detailed Description
The ISL54060 and ISL54061 are bidirectional, dual single
pole-single throw (SPST) analog switches that offers precise
switching from a single 1.8V to 6.5V supply with low
ON-resistance (0.83
Ω) and high speed operation
(tON =55ns, tOFF = 18ns). The device is especially well
suited for portable battery powered equipment due to its low
operating supply voltage (1.8V), low power consumption
(8nA), and a tiny 1.8x1.4mm µ
TQFN package or a 3x3mm
TDFN package. The low ON-resistance and rON flatness
provide very low insertion loss and signal distortion for
applications that require signal switching with minimal
interference by the switch.
The ISL54060 is a normally open (NO) SPST analog switch.
The ISL54061 is a normally closed (NC) SPST analog
switch.
Supply Sequencing and Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. The ISL54060 and
ISL54061 contains ESD protection diodes on each pin of the
IC (see Figure 7). These diodes connect to either a +Ring or
-Ring for ESD protection. To prevent forward biasing the
ESD diodes to the +Ring, V+ must be applied before any
input signals, and the input signal voltages must remain
between recommended operating range.
If these conditions cannot be guaranteed, then precautions
must be implemented to prohibit the current and voltage at
the logic pin and signal pins from exceeding the maximum
ratings of the switch. The following two methods can be used
to provided additional protection to limit the current in the
event that the voltage at a logic pin or switch terminal goes
above the V+ rail.
Logic inputs can be protected by adding a 1k
Ω resistor in
series with the logic input (see Figure 7). The resistor limits
the input current below the threshold that produces
permanent damage.
This method is not acceptable for the signal path inputs.
Adding a series resistor to the switch input defeats the
purpose of using a low rON switch. Connecting external
Schottky diodes to the signal pins will shunt the fault current
to the V+ supply instead of through the internal ESD diodes
thereby protecting the switch. These Schottky diodes must
be sized to handle the expected fault current..
FIGURE 5. CROSSTALK TEST CIRCUIT
FIGURE 6. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
0V OR V+
ANALYZER
V+
C
NO1 OR NC1
SIGNAL
GENERATOR
RL
GND
INX
COM1
50
Ω
NC
COM2
NC2 OR NO2
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
*50
Ω SOURCE
V+
C
GND
NO OR NC
COM
IN
IMPEDANCE
ANALYZER
0V OR V+
COM is connected to NO or NC
during ON capacitance measurement.
GND
VCOMx
VNCx
V+
LOGIC
INPUTS
VNOx
-RING
+RING
CLAMP
1k
Ω
OR
FIGURE 7. OVERVOLTAGE PROTECTION
ISL54060, ISL54061


Similar Part No. - ISL54060IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54060IRTZ RENESAS-ISL54060IRTZ Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ-T INTERSIL-ISL54060IRTZ-T Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
More results

Similar Description - ISL54060IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54066_0911 INTERSIL-ISL54066_0911 Datasheet
402Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com