Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54222AIRUEVAL1Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54222AIRUEVAL1Z
Description  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222AIRUEVAL1Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54222AIRUEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54222AIRUEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN6902.1
February 4, 2010
Pin Configurations
ISL54222A
(10 LD 1.8X1.4 µTQFN)
TOP VIEW
ISL54222A
(10 LD 2.1X1.6 µTQFN)
TOP VIEW
ISL54222A
(10 LD 3X3 TDFN)
TOP VIEW
ISL54222A
(10 LD MSOP)
TOP VIEW
NOTE:
1. Switches Shown for SEL = Logic “1” and OE = Logic “0”.
8
10
D-
OE
D+
VDD 9
7
2
3
4
GND
HSD1+ HSD2+
5
SEL
1
6
HSD1- HSD2-
1
3
4
OE
HSD2+
HSD2-
HSD1+ 2
10
5
7
8
HSD1-
D+
D-
9
6
SEL
LOGIC
CONTROL
SEL
HSD1+
D+
HSD2+
HSD1-
GND
1
2
3
4
5
10
9
8
7
6 D-
HSD2-
VDD
OE
LOGIC
CONTROL
PD
SEL
HSD1+
D+
HSD2+
HSD1-
GND
1
2
3
4
5
10
9
8
7
6 D-
HSD2-
VDD
OE
LOGIC
CONTROL
Truth Table
OE
SEL
HSD1-, HSD1+
HSD2-, HSD2+
0
0
ON
OFF
01
OFF
ON
1X
OFF
OFF
NOTE: Logic “0” when ≤ 0.5V, Logic “1” when ≥ 1.4V with a
1.8V to 3.3V Supply.
Pin Descriptions
TDFN MSOP
µTQFN
1.8x1.4
µTQFN
2.1x1.6
NAME
FUNCTION
10
10
9
10
VDD Power Supply (1.8V to
3.3V)
1
1
10
1
SEL
Select Logic Control
Input
22
1
2
HSD1
+
USB Data Port
(Channel 1 Positive
Input)
33
2
3
HSD2
+
USB Data Port
(Channel 2 Positive
Input)
4
4
3
4
D+
USB Data Common
Positive Port
5
5
4
5
GND Ground Connection
6
6
5
6
D-
USB Data Common
Negative Port
7
7
6
7
HSD2- USB Data Port
(Channel 2 Negative
Input)
8
8
7
8
HSD1- USB Data Port
(Channel 1 Negative
Input)
99
8
9
OE
Bus Switch Enable
PD
-
-
-
PD
Thermal Pad. Tie to
Ground or Float
Pin Descriptions (Continued)
TDFN MSOP
µTQFN
1.8x1.4
µTQFN
2.1x1.6
NAME
FUNCTION
ISL54222A


Similar Part No. - ISL54222AIRUEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54222AIRUEVAL1Z INTERSIL-ISL54222AIRUEVAL1Z Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54222AIRUEVAL1Z RENESAS-ISL54222AIRUEVAL1Z Datasheet
1Mb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

Similar Description - ISL54222AIRUEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com