Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR523M Datasheet(PDF) 2 Page - Rohm

Part # 2SCR523M
Description  General purpose transistor(50V,0.1A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR523M Datasheet(HTML) 2 Page - Rohm

  2SCR523M Datasheet HTML 1Page - Rohm 2SCR523M Datasheet HTML 2Page - Rohm 2SCR523M Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2010.09 - Rev.A
Data Sheet
2SCR523M / 2SCR523EB / 2SCR523UB
Electrical characteristics curves
0.01
0.1
1
10
100
0
0.6
0.8
0.4
0.2
1
0.01
0.1
1
1
10
100
0.01
0.1
1
1
10
100
0
10
20
30
40
50
01
23
45
IB=350uA
IB=300uA
IB=250uA
IB=200uA
IB=150uA
IB=100uA
IB=50uA
IB=0A
IB=500uA
IB=450uA
IB=400uA
10
100
1000
0.1
1
10
100
0
1
10
100
0.01
0.1
1
10
100
Cob
Cib
10
100
1000
0.1
1
10
100
1000
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR TO EMITTER VOLTAGE :
VCE (V)
COLLECTOR CURRENT : IC (mA)
EMITTER CURRENT : IE (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB(V)
Ta=25
°C
f=1MHz
IE=0
IC=0
IC/IB = 20/1
IC/IB =10/1
Ta=125
°C
25
°C
-
55
°C
VCE = 10V
Ta=25
°C
IC/IB= 10/1
Ta=125
°C
25
°C
-
55
°C
Ta=25
°C
Ta=25
°C
VCE =2V
Ta=125
°C
25
°C
-
55
°C
VCE=5V


Similar Part No. - 2SCR523M

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR522EB ROHM-2SCR522EB Datasheet
172Kb / 3P
   General purpose transistor(20V,0.2A)
2SCR522M ROHM-2SCR522M Datasheet
172Kb / 3P
   General purpose transistor(20V,0.2A)
2SCR522UB ROHM-2SCR522UB Datasheet
172Kb / 3P
   General purpose transistor(20V,0.2A)
More results

Similar Description - 2SCR523M

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR523M ROHM-2SAR523M Datasheet
172Kb / 3P
   General purpose transistor(-50V,-0.1A)
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
   General Purpose Transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC2412KT146R ROHM-2SC2412KT146R Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
   General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
   General Purpose Transistor (-50V, -150mA)
2SC2412K ROHM-2SC2412K_09 Datasheet
177Kb / 4P
   General purpose transistor (50V, 0.15A)
2SA1037AK ROHM-2SA1037AK_09 Datasheet
174Kb / 4P
   General Purpose Transistor (50V, 0.15A)
2SC4617TLQ ROHM-2SC4617TLQ Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC1740STPR ROHM-2SC1740STPR Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com