Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84467IRTZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL84467IRTZ-T
Description  1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84467IRTZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL84467IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL84467IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL84467IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL84467IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL84467IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL84467IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL84467IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL84467IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL84467IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6521.1
July 23, 2008
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(See Figure 6)
25
-85
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 600Ω
25
0.012
%
NO or NC OFF Capacitance,
COFF
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
38
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 7)
25
102
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+
25
0.021
µA
Full
0.72
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
0.5
V
Input Voltage High, VINH
Full
1.4
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-0.5
0.5
µA
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.65V to +2V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 5),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 6, 9)
TYP
MAX
(Notes 6, 9) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
V+
V
ON-Resistance, rON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = 0V to V+
(See Figure 5, Note 10)
25
0.7
0.9
Ω
Full
0.95
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.65V, VNO or VNC = 1.0V, RL =50Ω, CL = 35pF
(See Figure 1)
25
50
ns
Full
55
ns
Turn-OFF Time, tOFF
V+ = 1.65V, VNO or VNC = 1.0V, RL =50Ω, CL = 35pF
(See Figure 1)
25
25
ns
Full
30
ns
Break-Before-Make Time Delay, tD V+ = 2.0V, VNO or VNC = 1.0V, RL =50Ω, CL = 35pF
(See Figure 3)
Full
8
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
48
pC
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
0.4
V
Input Voltage High, VINH
Full
1.0
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+
Full
-0.5
0.5
µA
NOTES:
5. VIN = input voltage to perform proper function.
6. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
7. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range.
8. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between NC1 and NC2, NC3 and NC4 or between NO1 and NO2, NO3 and NO4.
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. Limits established by characterization and are not production tested.
Electrical Specifications - 3.0V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 5),
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 6, 9)
TYP
MAX
(Notes 6, 9) UNITS
ISL84467


Similar Part No. - ISL84467IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84467IRTZ-T INTERSIL-ISL84467IRTZ-T Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467IRTZ-T INTERSIL-ISL84467IRTZ-T Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
logo
Renesas Technology Corp
ISL84467IRTZ-T RENESAS-ISL84467IRTZ-T Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL84467IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com