Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84467 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL84467
Description  1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84467 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL84467 Datasheet HTML 3Page - Intersil Corporation ISL84467 Datasheet HTML 4Page - Intersil Corporation ISL84467 Datasheet HTML 5Page - Intersil Corporation ISL84467 Datasheet HTML 6Page - Intersil Corporation ISL84467 Datasheet HTML 7Page - Intersil Corporation ISL84467 Datasheet HTML 8Page - Intersil Corporation ISL84467 Datasheet HTML 9Page - Intersil Corporation ISL84467 Datasheet HTML 10Page - Intersil Corporation ISL84467 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6521.1
July 23, 2008
Detailed Description
The ISL84467 is a bidirectional, quad single pole/double
throw (SPDT) analog switch that offers precise switching
capability from a single 1.65V to 4.5V supply with low
ON-resistance (0.39
Ω) and high speed operation (t
ON = 33ns,
tOFF = 16ns). The device is especially well suited for portable
battery powered equipment due to its low operating supply
voltage (1.65V), low power consumption (6.3µW max), low
leakage currents (165nA max), and the tiny TQFN package.
The ultra low ON-resistance and rON flatness provide very low
insertion loss and distortion to applications that require signal
reproduction.
External V+ Series Resistor
For improved ESD and latch-up immunity, Intersil
recommends adding a 100
Ω resistor in series with the V+
power supply pin of the ISL84467 IC (see Figure 8).
During an overvoltage transient event, such as occurs during
system level IEC 61000 ESD testing, substrate currents can be
generated in the IC that can trigger parasitic SCR structures to
turn ON, creating a low impedance path from the V+ power
supply to ground. This will result in a significant amount of
current flow in the IC which can potentially create a latch-up
state or permanently damage the IC. The external V+
resistor limits the current during this over-stress situation
and has been found to prevent latch-up or destructive
damage for many overvoltage transient events.
Under normal operation, the sub-microamp IDD current of
the IC produces an insignificant voltage drop across the
100
Ω series resistor resulting in no impact to switch
operation or performance.
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. rON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or V+
NO or NC
COM
IN
GND
V+
C
IN
GND
VNX
V1
rON = V1/100mA
100mA
NO or NC
0V or V+
COM
0V or V+
ANALYZER
V+
C
NO or NC
SIGNAL
GENERATOR
RL
GND
IN1
50
Ω
NC
COM
COM
NC or NO
V+
C
GND
NO or NC
COM
IN
IMPEDANCE
ANALYZER
0V or V+
ISL84467


Similar Part No. - ISL84467

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 INTERSIL-ISL84467 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL84467 INTERSIL-ISL84467 Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL84467

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com