Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA00DD0WCP-V5 Datasheet(PDF) 1 Page - Rohm

Part # BA00DD0WCP-V5
Description  Standard Variable Output LDO Regulators with Shutdown Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00DD0WCP-V5 Datasheet(HTML) 1 Page - Rohm

  BA00DD0WCP-V5_11 Datasheet HTML 1Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 2Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 3Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 4Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 5Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 6Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 7Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 8Page - Rohm BA00DD0WCP-V5_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/9
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Standard LDO Regulators
Standard Variable Output
LDO Regulators with Shutdown Switch
BA00DD0WCP-V5,BA00DD0WHFP,
BA00CC0WT,BA00CC0WCP-V5,BA00CC0WFP
Description
The BA00DD0/CC0 series are low-saturation regulators available for outputs up to 2A/1A. The output voltage can be
arbitrarily configured using the external resistance. These series of LDO regulators are offered in a broad packaging lineup.
This IC has a built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits and a
thermal shutdown circuit that protects the IC from thermal damage due to overloading.
Features
1) Maximum output current: 2A (BA00DD0 series), 1A(BA00CC0 series)
2) ±1% high-precision output voltage (BA00DD0)
3) Low saturation with PNP output
4) Built-in over-current protection circuit that prevents the destruction of the IC due to output short circuits
5) Built-in thermal shutdown circuit for protecting the IC from thermal damage due to overloading
6) Built-in over- voltage protection circuit that prevents the destruction of the IC due to power supply surges
7) TO220FP andHRP5 packaging (BA00DD0), and TO220FP and TO252 packaging (BA00CC0)
Applications
Usable in DSP power supplies for DVDs and CDs, FPDs, televisions, personal computers or any other consumer device
Line up
1A BA00CC0 Series
Part Number
Package
BA00CC0WT
TO220FP-5
BA00CC0WCP-V5
TO220CP-V5
BA00CC0WFP
TO252-5
2A BA00DD0 Series
Part Number
Package
BA00DD0WCP-V5
TO220CP-V5
BA00DD0WHFP
HRP5
No.11023ECT01


Similar Part No. - BA00DD0WCP-V5_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
More results

Similar Description - BA00DD0WCP-V5_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com