Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3258HFP Datasheet(PDF) 6 Page - Rohm

Part # BA3258HFP
Description  Dual Output Secondary Fixed Output LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3258HFP Datasheet(HTML) 6 Page - Rohm

  BA3258HFP_11 Datasheet HTML 1Page - Rohm BA3258HFP_11 Datasheet HTML 2Page - Rohm BA3258HFP_11 Datasheet HTML 3Page - Rohm BA3258HFP_11 Datasheet HTML 4Page - Rohm BA3258HFP_11 Datasheet HTML 5Page - Rohm BA3258HFP_11 Datasheet HTML 6Page - Rohm BA3258HFP_11 Datasheet HTML 7Page - Rohm BA3258HFP_11 Datasheet HTML 8Page - Rohm BA3258HFP_11 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BA3258HFP,BA33D15HFP,BA33D18HFP
Technical Note
6/8
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Thermal Design
If the IC is used under excessive power dissipation conditions, the chip temperature will rise, which will have an adverse
effect on the electrical characteristics of the IC, such as a reduction in current capability. Furthermore, if the temperature
exceeds Tjmax, element deterioration or damage may occur. Implement proper thermal designs to ensure that the power
dissipation is within the permissible range in order to prevent instantaneous IC damage resulting from heat and maintain the
reliability of the IC for long-term operation. Refer to the power derating characteristics curves in Fig. 29.
Power Consumption (Pc) Calculation Method
Power consumption of 3.3V power transistor:
Pc1 = (Vcc − 3.3)
 Io1
Power consumption of Vo2 power transistor:
Pc2 = (Vcc − Vo2)
 Io2
Power consumption due to circuit current:
Pc3 = Vcc
 Icc
Pc = Pc1 + Pc2 + Pc3
Refer to the above and implement proper thermal designs so that the IC will not be used under excessive power dissipation
conditions under the entire operating temperature range.
Calculation example (BA33D15HFP)
Example: Vcc = 5V, Io1 = 200mA, and Io2 = 100mA
Power consumption of 3.3V power transistor:
Pc1 = (Vcc − 3.3)
 Io1 = (5 − 3.3)  0.2 = 0.34W
Power consumption of 1.5V power transistor:
Pc2 = (Vcc − 1.5)
 Io2 = (5 − 1.5)  0.2 = 0.35W
Power consumption due to circuit current: Pc3 = Vcc
 Icc = 5  0.0085 = 0.0425 (W) (See Figs. 14 and 15)
Implement proper thermal designs taking into consideration the dissipation at full power consumption
(i.e., Pc1 + Pc2 + Pc3 = 0.34 + 0.35 + 0.0425 = 0.7325W).
Explanation of External Components
BA3258HFP
1) Pin 1 (Vcc pin)
Connecting a ceramic capacitor with a capacitance of approximately 3.3
F between Vcc and GND as close to the pins
as possible is recommended.
2) Pins 4 and 5 (Vo pins)
Insert a capacitor between the Vo and GND pins in order to prevent output oscillation. The capacitor may oscillate if
the capacitance changes as a result of temperature fluctuations. Therefore, it is recommended that a ceramic
capacitor with a temperature coefficient of X5R or above and a maximum capacitance change (resulting from
temperature fluctuations) of
10% be used. The capacitance should be between 1F and 1,000µF. (Refer to Fig. 30)
BA33D□□Series
1) Pin 1 (Vcc pin)
Insert a 1
F capacitor between Vcc and GND. The capacitance will vary depending on the application. Check the
capacitance with the application set and implement designing with a sufficient margin.
2) Pins 4 and 5 (Vo pins)
Insert a capacitor between the Vo and GND pins in order to prevent oscillation. The capacitance may vary greatly with
temperature changes, thus making it impossible to completely prevent oscillation. Therefore, use a tantalum aluminum
electrolytic capacitor with a low ESR (Equivalent Serial Resistance). The output will oscillate if the ESR is too high or too
low, so refer to the ESR characteristcs in Fig. 31 and operate the IC within the stable operating region. If there is a
sudden load change, use a capacitor with higher capacitance.
A capacitance between 10
F and 1,000F is
recommended.
Fig. 29 Thermal Derating Curves
Fig. 30 BA3258HFP ESR characteristics
Fig. 31 BA33D□□ Series ESR
AMBIENT TEMPERATURE:Ta[℃]
8
10
9
7
6
5
4
3
2
1
0
25
50
75
100
125
150
Board size: 70 mm
 70  1.6 mm (with a thermal via incorporated by the board)
Board surface area: 10.5 mm
 10.5 mm
(1) 2-layer board (Backside copper foil area: 15 mm
 15mm)
(2) 2-layer board (Backside copper foil area: 70 mm
 70 mm)
(3) 4-layer board (Backside copper foil area: 70 mm
 70mm)
0
Io [mA]
200
400
600
800 1000
0
0.01
0.1
0.5
1.0
2.0
0.02
0.05
0.2
5.0
不安定領域
10.0
安定領域
0.15
4.0
不安定領域
200
400
600
800 1000
0
0.01
0.1
0.5
1.0
2.0
Io [mA]
安定領域
0.02
0.05
0.2
5.0
不安定領域
10.0
(3) 7.3 W
(2) 5.5 W
(1) 2.3 W
*Vcc: Applied voltage
Io1: Load current on Vo1 side
Io2: Load current on Vo2 side
Icc: Circuit current
* The Icc (circuit current) varies with the load.
(See reference data in Figs. 2, 3, 14, and 15.)
Unstable region
Unstable region
Unstable region
Stable region
Stable region
Vo1
Vo2
Controller
3.3 V output
Vcc
GND
Vcc
Vcc
Power Tr
Power Tr
1.5 V output or
1.8 V output
IP
Icc
IO1
IO2


Similar Part No. - BA3258HFP_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP-TR ROHM-BA3258HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
More results

Similar Description - BA3258HFP_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com