Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3258HFP Datasheet(PDF) 2 Page - Rohm

Part # BA3258HFP
Description  Dual Output Secondary Fixed Output LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3258HFP Datasheet(HTML) 2 Page - Rohm

  BA3258HFP Datasheet HTML 1Page - Rohm BA3258HFP Datasheet HTML 2Page - Rohm BA3258HFP Datasheet HTML 3Page - Rohm BA3258HFP Datasheet HTML 4Page - Rohm BA3258HFP Datasheet HTML 5Page - Rohm BA3258HFP Datasheet HTML 6Page - Rohm BA3258HFP Datasheet HTML 7Page - Rohm BA3258HFP Datasheet HTML 8Page - Rohm BA3258HFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BA3258HFP,BA33D15HFP,BA33D18HFP
Technical Note
2/8
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics
BA3258HFP (Unless otherwise specified, Ta = 25℃, Vcc = 5 V)
Parameter
Symbol
Limits
Unit
Conditions
Min. Typ. Max.
Bias current
IB
-
3
5
mA
Io1 = 0 mA, Io2 = 0 mA
[3.3 V Output Block]
Output voltage1
Vo1
3.234 3.300 3.366
V
Io1 = 50 mA
Minimum output voltage difference 1
∆Vd1
-
1.1
1.3
V
Io1 = 1 A, Vcc = 3.8 V
Output current capacity 1
Io1
1.0
-
-
A
Ripple rejection 1
R.R.1
46
52
-
dB
f=120 Hz,ein=0.5Vp-p,Io1=5mA
Input stability 1
Reg.I1
-
5
15
mV
Vcc = 4.75→14 V, Io1 = 5 mA
Load stability 1
Reg.L1
-
5
20
mV
Io1 = 5 mA→1A
Temperature coefficient of output voltage 1
*3
Tcvo1
-
0.01
-
%/℃ Io1 = 5 mA, Tj = 0℃ to 85℃
[1.5 V Output Block]
Output voltage 2
Vo2
1.470 1.500 1.530
V
Io2 = 50 mA
Output current capacity 2
Io2
1.0
-
-
A
Ripple rejection 2
R.R.2
46
52
-
dB
f=120 Hz,ein=0.5Vp-p,Io2=5mA
Input stability 2
Reg.I2
-
5
15
mV
Vcc = 4.1→14 V, Io2 = 5 mA
Load stability 2
Reg.L2
-
5
20
mV
Io2 = 5 mA→1 A
Temperature coefficient of output voltage 2
*3
Tcvo2
-
0.01
-
%/℃ Io2 = 5 mA, Tj = 0℃ to 125℃
*3: Design is guaranteed within these parameters. (No total shipment inspection is made.)
BA33D□□ Series (Unless otherwise specified, Ta = 25℃, Vcc = 5 V)
Parameter
Symbol
Limits
Unit
Conditions
Min. Typ. Max.
Bias current
Ib
-
0.7
1.6
mA
Io1 = 0 mA, Io2 = 0 mA
[3.3V Output Block]
Output voltage 1
Vo1
3.234 3.300 3.366
V
Io1 = 250 mA
Minimum output voltage difference 1
∆Vd1
0.25 0.50
V
Io1 = 250 mA, Vcc = 3.135 V
Output current capacity 1
Io1
0.5
-
-
A
Ripple rejection 1
R.R.1
-
68
-
dB
f=120 Hz,ein =1Vp-p,Io1=100mA
Input stability 1
Reg.I1
-
5
30
mV
Vcc=4.1V→16V,Io1=250mA
Load stability 1
Reg.L1
-
30
75
mV
Io1= 0 mA→0.5 A
Temperature coefficient of output voltage 1
*3
Tcvo1
-
0.01
-
%/℃ Io1 = 5 mA, Tj=0℃ to 125℃
BA33D15HFP Vo2 output
[1.5V Output Block]
Output voltage 2
Vo2
1.470 1.500 1.530
V
Io2 = 250 mA
Output current capacity 2
Io2
0.5
-
-
A
Ripple rejection 2
R.R.2
-
74
-
dB
f=120 Hz,ein=1Vp-p,Io2=100mA
Input stability 2
Reg.I2
-
5
30
mV
Vcc =4.1V→16 V,Io2=250mA
Load stability 2
Reg.L2
-
30
75
mV
Io2 = 0 mA→0.5A
Temperature coefficient of output voltage 2
*3
Tcvo2
-
0.01
-
%/℃ Io2 = 5 mA,Tj = 0℃ to 125℃
BA33D18HFP Vo2 output
[1.8V Output Block]
Output voltage 2
Vo2
1.764 1.800 1.836
V
Io2=250 mA
Output current capacity 2
Io2
0.5
-
-
A
Ripple rejection 2
R.R.2
-
72
-
dB
f =120Hz,ein =1Vp-p,Io2=100mA
Input stability 2
Reg.I2
-
5
30
mV
Vcc = 4.1V→16V,Io2=250mA
Load stability 2
Reg.L2
-
30
75
mV
Io2 = 0 mA→0.5 A
Temperature coefficient of output voltage 2
*3
Tcvo2
-
0.01
-
%/℃ Io2 = 5 mA, Tj = 0℃ to 125℃
*3: Design is guaranteed within these parameters. (No total shipment inspection is made.)


Similar Part No. - BA3258HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP ROHM-BA3258HFP Datasheet
210Kb / 2P
   Dual Low Drop Out Regulator Ceramic Capacitor Available
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA3258HFP-TR ROHM-BA3258HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
More results

Similar Description - BA3258HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com