Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA50JC5WT Datasheet(PDF) 3 Page - Rohm

Part # BA50JC5WT
Description  Secondary Fixed Output LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA50JC5WT Datasheet(HTML) 3 Page - Rohm

  BA50JC5WT Datasheet HTML 1Page - Rohm BA50JC5WT Datasheet HTML 2Page - Rohm BA50JC5WT Datasheet HTML 3Page - Rohm BA50JC5WT Datasheet HTML 4Page - Rohm BA50JC5WT Datasheet HTML 5Page - Rohm BA50JC5WT Datasheet HTML 6Page - Rohm BA50JC5WT Datasheet HTML 7Page - Rohm BA50JC5WT Datasheet HTML 8Page - Rohm BA50JC5WT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BA□□JC5 Series,BA00JC5WT
Technical Note
3/10
www.rohm.com
2011.02 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics
BA□□JC5T(Unless otherwise specified, Ta = 25℃; Vcc = VCCDC*5)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output voltage
Vo
Vo (T)
 0.99
Vo (T)
Vo (T)
 1.01
V
Io = 200 mA
Minimum I/O voltage difference*6
∆Vd
-
0.3
0.5
V
Io = 200 mA,
Vcc = 0.95
 Vo
Output current capacity
Io
1.5
-
-
A
Input stability*7
Reg.I
-
5
60
mV
Vcc = Vo + 1.0 V→16 V,
Io = 200 mA
Load stability
Reg.L
-
5
60
mV
Io = 5 mA→1.5 A
Temperature coefficient of output voltage*8
Tcvo
-
0.02
-
%/℃
Io = 5 mA,
Tj = 0℃ to 125℃
Vo (T): Set output voltage
*5
Vo = 1.5 V, 1.8 V, 2.5 V : Vcc = 3.3 V, Vo = 3.0 V, 3.3 V : Vcc = 5 V,
Vo = 5.0 V : Vcc : 8 V, Vo = 6.0 V, 6.3 V : Vcc = 9.0 V, Vo = 8.0 V : Vcc = 11 V,
Vo = 9.0 V : Vcc = 12 V, Vo = 12 V : Vcc = 15 V
*6
Vo ≥ 3.3 V
*7
Change Vcc from 3.0 V to 16 V if 1.5 V ≤ Vo ≤ 2.5 V.
*8
Operation guaranteed
BA00JC5WT (−V5)(Unless otherwise specified, Ta = 25℃, Vcc = 3.3 V, VCTL = 3 V, R1 = 30 k
, R2 = 30 k*9)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Reference voltage
Vo
1.2375
1.250
1.2625
V
Io = 50 mA
Shutdown circuit current
Isd
-
0
10
A
VCTL = 0 V
while in OFF mode
Minimum I/O voltage difference
∆Vd
-
0.3
0.5
V
Io = 500 mA,
Vcc = 2.5 V
Output current capacity
Io
1.5
-
-
A
Input stability
Reg.I
-
5
60
mV
Vcc = 4.5 V→16 V,
Io = 200 mA
Load stability
Reg.L
-
5
60
mV
Io = 5 mA →1.5 A
Temperature coefficient of output voltage
*10
Tcvo
-
0.02
-
%/℃
Io = 5 mA,
Tj = 0℃ to 125℃
*9
VOUT = Vc
 (R1 + R2) / R1 (V)
*10
Design guarantee (No total shipment inspection is made.)


Similar Part No. - BA50JC5WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA50JC5 ROHM-BA50JC5 Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA50JC5T ROHM-BA50JC5T Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA50JC5T ROHM-BA50JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

Similar Description - BA50JC5WT

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com