Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA15DD0WHFP Datasheet(PDF) 10 Page - Rohm

Part # BA15DD0WHFP
Description  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA15DD0WHFP Datasheet(HTML) 10 Page - Rohm

Back Button BA15DD0WHFP Datasheet HTML 4Page - Rohm BA15DD0WHFP Datasheet HTML 5Page - Rohm BA15DD0WHFP Datasheet HTML 6Page - Rohm BA15DD0WHFP Datasheet HTML 7Page - Rohm BA15DD0WHFP Datasheet HTML 8Page - Rohm BA15DD0WHFP Datasheet HTML 9Page - Rohm BA15DD0WHFP Datasheet HTML 10Page - Rohm BA15DD0WHFP Datasheet HTML 11Page - Rohm BA15DD0WHFP Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Technical Note
10/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
Ordering part number
B
A
3
3
C C
0
W
H
F
P
-
T
R
Part No.
Output voltage
Series
CC0 : 1A
DD0 : 2A
Shutdown
switch
W : Includes
switch
Package
HFP :HRP5
FP :TO252-3
TO252-5
T
TO220FP-3
TO220FP-5
Packaging and forming specification
TR: Embossed tape and reel
(HRP5)
E2: Embossed tape and reel
(TO252-3, TO252-5)
None : Container Tube
V5 :Foaming(V5 only)
(Unit : mm)
TO252-3
2
1
3
0.65
0.65
0.75
FIN
6.5
±0.2
2.3
±0.2
2.3
±0.2
0.5
±0.1
1.0
±0.2
2.3
±0.2
0.5
±0.1
5.1
+0.2
-0.1
C0.5
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
(
)
(Unit : mm)
TO252-5
1 2 3
5
4
0.5
1.27
FIN
6.5
±0.2
2.3
±0.2
0.5
±0.1
1.0
±0.2
0.5
±0.1
C0.5
5.1
+0.2
-0.1
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
(
)
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2000pcs
TR
(
)
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
(Unit : mm)
HRP5
S
0.08 S
(MAX 9.745 include BURR)
5
4
3
2
1
1.905
±0.1
−0.05
+0.1
0.27
4.5
°
(6.5)
8.82
± 0.1
9.395
±0.125
0.73
±0.1
1.72
1.2575
−4.5°
+5.5°


Similar Part No. - BA15DD0WHFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15DD0WHFP ROHM-BA15DD0WHFP Datasheet
269Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA15DD0WHFP-TR ROHM-BA15DD0WHFP-TR Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA15DD0WHFP-TR ROHM-BA15DD0WHFP-TR Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA15DD0WHFP-TR ROHM-BA15DD0WHFP-TR Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Similar Description - BA15DD0WHFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com