Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC64SZ-70 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X28HC64SZ-70
Description  5 Volt, Byte Alterable EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64SZ-70 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X28HC64SZ-70 Datasheet HTML 6Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 7Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 8Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 9Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 10Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 11Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 12Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 13Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN8109.2
August 28, 2009
Equivalent AC Load Circuits
Symbol Table
Power-up Timing
Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits
established by characterization and are not production tested.
PARAMETER
SYMBOL
TYP
(Note 3)
UNIT
Power-up to Read Operation (Note 5)
tPUR
100
µs
Power-up to Write Operation (Note 5)
tPUW
5ms
Capacitance
TA = +25°C, f = 1MHz, VCC = 5V
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNIT
Input/output Capacitance (Note 5)
CI/O
VI/O = 0V
10
pF
Input Capacitance (Note 5)
CIN
VIN = 0V
6
pF
NOTE:
5. This parameter is periodically sampled and not 100% tested.
TABLE 2. AC CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
5ns
Input and Output Timing Levels
1.5V
TABLE 3. MODE SELECTION
CE
OE
WE
MODE
I/O
POWER
L
L
H
Read
DOUT
Active
LH
L
Write
DIN
Active
H
X
X
Standby and write
inhibit
High Z
Standby
X
L
X
Write inhibit
X
X
H
Write inhibit
5V
1.92k
Ω
30pF
OUTPUT
1.37k
Ω
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
Ma y change
from LO W
to HIGH
Will change
from LO W
to HIGH
Ma y change
from HIGH
to LO W
Will change
from HIGH
to LO W
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
X28HC64


Similar Part No. - X28HC64SZ-70

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64SZ-70 INTERSIL-X28HC64SZ-70 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64SZ-70 INTERSIL-X28HC64SZ-70 Datasheet
396Kb / 18P
   5 Volt, Byte Alterable EEPR
August 18, 2015
logo
Renesas Technology Corp
X28HC64SZ-70 RENESAS-X28HC64SZ-70 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64SZ-70

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com