Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC64SZ-70 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X28HC64SZ-70
Description  5 Volt, Byte Alterable EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64SZ-70 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X28HC64SZ-70 Datasheet HTML 7Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 8Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 9Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 10Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 11Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 12Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 13Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 14Page - Intersil Corporation X28HC64SZ-70 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN8109.2
August 28, 2009
AC Electrical Specifications
Read Cycle
Read Cycle Limits
Over the recommended operating conditions unless otherwise specified. Parameters with MIN and/or MAX limits are
100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested.
PARAMETER
SYMBOL
X28HC64-70
X28HC64-90
X28HC64-12
UNIT
-55°C TO +125°C
-55°C TO +125°C
-55°C TO +125°C
MIN
MAX
MIN
MAX
MIN
MAX
Read Cycle Time
tRC
70
90
120
ns
Chip Enable Access Time
tCE
70
90
120
ns
Address Access Time
tAA
70
90
120
ns
Output Enable Access Time
tOE
35
40
50
ns
CE LOW to Active Output (Note 6)
tLZ
000
ns
OE LOW to Active Output (Note 6)
tOLZ
000
ns
CE HIGH to High Z Output (Note 6)
tHZ
30
30
30
ns
OE HIGH to High Z Output (Note 6)
tOHZ
30
30
30
ns
Output Hold from Address Change
tOH
000
ns
NOTE:
6. tLZ min., tHZ, tOLZ min., and tOHZ are periodically sampled and not 100% tested. tHZ max. and tOHZ max. are measured from the point when CE
or OE return HIGH (whichever occurs first) to the time when the outputs are no longer driven.
tCE
tRC
ADDRESS
CE
OE
WE
DATA VALID
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
DATA I/O
VIH
HIGH Z
DATA VALID
X28HC64


Similar Part No. - X28HC64SZ-70

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC64SZ-70 INTERSIL-X28HC64SZ-70 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64SZ-70 INTERSIL-X28HC64SZ-70 Datasheet
396Kb / 18P
   5 Volt, Byte Alterable EEPR
August 18, 2015
logo
Renesas Technology Corp
X28HC64SZ-70 RENESAS-X28HC64SZ-70 Datasheet
784Kb / 18P
   64k, 8k x 8-Bit 5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64SZ-70

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com