Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9118 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9118
Description  Single Digitally-Controlled (XDCP?? Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9118 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9118_09 Datasheet HTML 7Page - Intersil Corporation X9118_09 Datasheet HTML 8Page - Intersil Corporation X9118_09 Datasheet HTML 9Page - Intersil Corporation X9118_09 Datasheet HTML 10Page - Intersil Corporation X9118_09 Datasheet HTML 11Page - Intersil Corporation X9118_09 Datasheet HTML 12Page - Intersil Corporation X9118_09 Datasheet HTML 13Page - Intersil Corporation X9118_09 Datasheet HTML 14Page - Intersil Corporation X9118_09 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN8161.4
December 4, 2009
DC Operating SpecificationsOver the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICC1
VCC Supply Current (Active)
fSCL = 400kHz; VCC = +5.5V; SDA = Open;
(for 2-wire, Active, Read and Volatile Write States only)
3mA
ICC2
VCC Supply Current (Nonvolatile Write) fSCL = 400kHz; VCC = +5.5V; SDA = Open;
(for 2-wire, Active, Non-volatile Write State only)
7mA
ISB
VCC Current (Standby)
VCC = +5.5V; VIN = VSS or VCC; SDA = VCC;
(for 2-wire, Standby State only)
15
μA
ILI
Input Leakage Current
VIN = VSS to VCC
10
μA
ILO
Output Leakage Current
VOUT = VSS to VCC
10
μA
VIH
Input HIGH Voltage
VCC x 0.7
VCC + 1
V
VIL
Input LOW Voltage
-1
VCC x 0.3
V
VOL
Output LOW Voltage
IOL = 3mA
0.4
V
Endurance and Data Retention
PARAMETER
MIN
UNITS
Minimum Endurance
100,000
Data changes per bit per register
Data Retention
100
years
Capacitance
SYMBOL
TEST
TYP
UNITS
TEST CONDITIONS
CIN/OUT (Note 9) Input/Output Capacitance (SI)
8
pF
VOUT = 0V
CIN (Note 9)
Input Capacitance (SCL, WP, A1 and A0)
6
pF
VIN = 0V
Power-Up Timing
SYMBOL
PARAMETER
MIN
MAX
UNITS
tr VCC (Note 9)
VCC Power-up Rate
0.2
50
V/ms
tPUR (Note 10)
Power-up to Initiation of Read Operation
1
ms
tPUW (Note 10)
Power-up to Initiation of Write Operation
50
ms
NOTES:
9. This parameter is not 100% tested
10. tPUR and tPUW are the delays required from the time the (last) power supply (VCC-) is stable until the specific instruction can be issued. These
parameters are periodically sampled and not 100% tested.
AC Test Conditions
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x 0.5
X9118


Similar Part No. - X9118_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9118-2.7 INTERSIL-X9118-2.7 Datasheet
348Kb / 20P
   Dual Suply/Low Power/1024-Tap/2-Wire Bus
X9118TV14 INTERSIL-X9118TV14 Datasheet
348Kb / 20P
   Dual Suply/Low Power/1024-Tap/2-Wire Bus
X9118TV14-2.7 INTERSIL-X9118TV14-2.7 Datasheet
348Kb / 20P
   Dual Suply/Low Power/1024-Tap/2-Wire Bus
X9118TV14I INTERSIL-X9118TV14I Datasheet
348Kb / 20P
   Dual Suply/Low Power/1024-Tap/2-Wire Bus
X9118TV14I-2.7 INTERSIL-X9118TV14I-2.7 Datasheet
348Kb / 20P
   Dual Suply/Low Power/1024-Tap/2-Wire Bus
More results

Similar Description - X9118_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com