Electronic Components Datasheet Search |
|
BA8522RFV Datasheet(PDF) 11 Page - Rohm |
|
BA8522RFV Datasheet(HTML) 11 Page - Rohm |
11 / 49 page Technical Note 11/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Electrical characteristics ○ BA14741 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃]) Parameter Symbol Temperature Range Limits Unit Condition BA14741F Min. Typ. Max. Input Offset Voltage (*27) Vio 25℃ - 1.0 5.0 mV Rs≦10[kΩ] Input Offset Current (*27) Iio 25℃ - 10 50 nA Input Bias Current (*28) Ib 25℃ - 60 300 nA Large Signal Voltage Gain Av 25℃ 20 100 - V/mV RL≧2[kΩ], Vo=±10[V] Common-mode Rejection Ratio CMRR 25℃ 80 100 - dB Input Common-mode Voltage Range Vicm 25℃ ±12 ±13.5 - V Power Supply Rejection Ratio PSRR 25℃ 80 100 - dB Supply Current ICC 25℃ - 3.0 7.0 mA RL=∞ All Op-Amps Maximum Output Voltage VOH 25℃ 10 12.5 - V Vin+=1[V], Vin-=0[V], RL=2[kΩ] VOL 25℃ -10 -12.5 - V Vin+=0[V], Vin-=1[V], RL=2[kΩ] Maximum Output Current Source IOH 25℃ 10 20 - mA Vin+=1[V], Vin-=0[V], VO=0[V] Sink IOL 25℃ 5 10 - mA Vin+=0[V], Vin-=1[V], VO=0[V] Slew Rate SR 25℃ - 1.0 - V/μs Av=1, RL=2[kΩ] Input Referred Noise Voltage Vn 25℃ - 2.0 4.0 μVrms RIAA, Rs=2.2[kΩ], 10[Hz]~30[kHz] Channel Separation CS 25℃ - 100 - dB f=1[kHz ] input referred (*27) Absolute value. (*28) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. ● Electrical characteristics ○ BA15532 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃]) Parameter Symbol Temperature Range Limits Unit Condition BA15532F Min. Typ. Max. Input Offset Voltage (*29) Vio 25℃ - 0.5 4.0 mV Rs=50[Ω], RL≧10[kΩ] Input Offset Current (*29) Iio 25℃ - 10 150 nA RL≧10[kΩ] Input Bias Current (*30) Ib 25℃ - 200 800 nA RL≧10[kΩ] Large Signal Voltage Gain Av 25℃ 80 94 - dB RL≧600[Ω], Vo=±10[V] Common-mode Rejection Ratio CMRR 25℃ 70 100 - dB RL≧10[kΩ] Input Common-mode Voltage Range Vicm 25℃ ±12 ±13 - V RL≧10[kΩ] Power Supply Rejection Ratio PSRR 25℃ 80 100 - dB Rs=50[Ω], RL≧10[kΩ] Supply Current Icc 25℃ - 8.0 16.0 mA RL=∞ All Op-Amps Maximum Output Voltage VOH 25℃ ±12 ±13 - V RL≧600[Ω] VOL 25℃ ±15 ±16 - V RL≧600[Ω] VCC=18[V], VEE=-18[V] Output Short Current (*31) lOS 25℃ - 38 - mA Slew Rate SR 25℃ - 8.0 - V/μs Av=1, RL=600[Ω], CL=100[pF] Gain Bandwidth Product GBW 25℃ - 20 - MHz f=10[kHz], RL=600[Ω], CL=100[pF] Input Referred Noise Voltage Vn 25℃ - 0.7 1.5 μVrms RIAA, Rs=100[Ω], 20[Hz]~30[kHz] Channel Separation CS 25℃ - 110 - dB RIAA Input referred (*29) Absolute value (*30) Current direction: Since first input stage is composed with NPN transistor, input bias current flows out of IC. (*31) In the case of output pin shorting with VCC or VEE. But never over the maximum power dissipation |
Similar Part No. - BA8522RFV |
|
Similar Description - BA8522RFV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |