Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA80BC0WFP Datasheet(PDF) 3 Page - Rohm

Part # BA80BC0WFP
Description  1A Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA80BC0WFP Datasheet(HTML) 3 Page - Rohm

  BA80BC0WFP Datasheet HTML 1Page - Rohm BA80BC0WFP Datasheet HTML 2Page - Rohm BA80BC0WFP Datasheet HTML 3Page - Rohm BA80BC0WFP Datasheet HTML 4Page - Rohm BA80BC0WFP Datasheet HTML 5Page - Rohm BA80BC0WFP Datasheet HTML 6Page - Rohm BA80BC0WFP Datasheet HTML 7Page - Rohm BA80BC0WFP Datasheet HTML 8Page - Rohm BA80BC0WFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BA□□BC0 Series,BA□□BC0W Series,BA00BC0W Series
Technical Note
3/8
www.rohm.com
2010.02 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
1
1.5
2
2.5
3
3.5
4
-4 0 - 30 - 20 -1 0 0
10 203 0 4 0506 0 7 080 90 10 0
TEMPERATURE : Ta [℃]
Electrical Characteristics Curves (Unless otherwise specified, Ta = 25°C, Vcc = 8 V, VCTL = 2 V, IO = 0 mA)
0
0.5
1
1.5
2
2.5
02
46
8
10
12
14
16
18
SUPPLY VOLTAGE : Vcc [V]
Fig.1 Circuit Current
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE : Vcc [V]
Fig.3 Input Stability(Io = 1 A)
0
1
2
3
4
5
6
0 0.1 0.2 0 .3 0 .4 0.5 0 .6 0 .7 0.8 0.9 1
1 .1 1.2 1 .3 1 .4 1.5 1.6 1 .7
OUTPUT CURRENT : IOUT [A]
Fig.4 Load Stability
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
1.1 1.2 1.3
OUTPUT CURRENT : I OUT [mA]
Fig.5 I/O Voltage Difference
0
10
20
30
40
50
60
70
0
200
400
600
800
1000
FREQUENCY : f [Hz]
Fig.6 Ripple Rejection
Fig.7 Output Voltage vs Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
- 40 -30 - 20 -10 0
1 020
3 040
5 0
6 07 0
8 09 010 0
TEMPERATURE: Ta [℃]
Fig.8 Circuit Current Temperature
0
10
20
30
40
50
60
70
0
100
200
300 400
500
600 700
800
900 1000
OUTPUT CURRENT : IOUT [A]
Fig.9 Circuit Current Classified by Load
0
1
2
3
4
5
6
024
68
10
CONTROL VOLTAGE : VCTL [V]
Fig.10 CTL Voltage vs Output Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
02
46
8
10
12
14
16
18
CONTROL VOLTAGE : VCTL [V]
Fig.11 CTL Voltage vs CTL Current
Fig.12 Thermal Shutdown Circuit
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE : Vcc [V]
[BA50BC0WFP]
[BA50BC0WFP]
[BA50BC0WFP]
[BA50BC0WFP]
[BA50BC0WFP]
[BA50BC0WFP]
[BA50BC0WFP]
[BA50BC0WFP]
[BA50BC0WFP]
[BA50BC0WFP]
[BA50BC0WFP]
0
1
2
3
4
5
6
7
8
100
120
140
160
180
200
TEMPERATURE : Ta [℃]
[BA50BC0WFP]
Fig.2 Input Stability(Io=0mA)


Similar Part No. - BA80BC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA80BC0WFP ROHM-BA80BC0WFP Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA80BC0WFP-E2 ROHM-BA80BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA80BC0WFP-E2 ROHM-BA80BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA80BC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD10KASWFP ROHM-BD10KASWFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com