Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9279 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X9279
Description  Single Digitally-Controlled (XDCP?? Potentiometer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9279 Datasheet(HTML) 2 Page - Intersil Corporation

  X9279_09 Datasheet HTML 1Page - Intersil Corporation X9279_09 Datasheet HTML 2Page - Intersil Corporation X9279_09 Datasheet HTML 3Page - Intersil Corporation X9279_09 Datasheet HTML 4Page - Intersil Corporation X9279_09 Datasheet HTML 5Page - Intersil Corporation X9279_09 Datasheet HTML 6Page - Intersil Corporation X9279_09 Datasheet HTML 7Page - Intersil Corporation X9279_09 Datasheet HTML 8Page - Intersil Corporation X9279_09 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
FN8175.4
September 23, 2009
Ordering Information
PART
NUMBER
PART
MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(k
Ω)
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9279TV14* (Note 2)
X9279 TV
5 ±10%
100
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9279TV14Z*
(Note 1)
X9279 TVZ
0 to +70
14 Ld TSSOP (4.4mm)
(Pb-free)
M14.173
X9279TV14I* (Note 2)
X9279 TVI
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9279TV14IZ*
(Note 1)
X9279 TVZI
-40 to +85
14 Ld TSSOP (4.4mm)
(Pb-free)
M14.173
X9279UV14*
(Note 2)
X9279 UV
50
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9279UV14Z*
(Note 1)
X9279 UVZ
0 to +70
14 Ld TSSOP (4.4mm)
(Pb-free)
M14.173
X9279UV14I*
(Note 2)
X9279 UVI
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9279UV14IZ*
(Note 1)
X9279 UVZI
-40 to +85
14 Ld TSSOP (4.4mm)
(Pb-free)
M14.173
X9279TV14-2.7*
(Note 2)
X9279 TVF
2.7 to 5.5
100
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9279TV14Z-2.7*
(Note 1)
X9279 TVZF
0 to +70
14 Ld TSSOP (4.4mm)
(Pb-free)
M14.173
X9279TV14I-2.7*
(Note 2)
X9279 TVG
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9279TV14IZ-2.7*
(Note 1)
X9279 TVZG
-40 to +85
14 Ld TSSOP (4.4mm)
(Pb-free)
M14.173
X9279UV14-2.7*
(Note 2)
X9279 UVF
50
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9279UV14Z-2.7*
(Note 1)
X9279 UVZF
0 to +70
14 Ld TSSOP (4.4mm)
(Pb-free)
M14.173
X9279UV14I-2.7*
(Note 2)
X9279 UVG
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9279UV14IZ-2.7*
(Note 1)
X9279 UVZG
-40 to +85
14 Ld TSSOP (4.4mm)
(Pb-free)
M14.173
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. Not recommended for new designs.
X9279


Similar Part No. - X9279_09

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9279TB XICOR-X9279TB Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9279TB-2.7 XICOR-X9279TB-2.7 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9279TBI XICOR-X9279TBI Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9279TBI-2.7 XICOR-X9279TBI-2.7 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9279TV14 XICOR-X9279TV14 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
More results

Similar Description - X9279_09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com