Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9313 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9313
Description  Digitally Controlled Potentiometer (XDCP??
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313 Datasheet(HTML) 3 Page - Intersil Corporation

  X9313 Datasheet HTML 1Page - Intersil Corporation X9313 Datasheet HTML 2Page - Intersil Corporation X9313 Datasheet HTML 3Page - Intersil Corporation X9313 Datasheet HTML 4Page - Intersil Corporation X9313 Datasheet HTML 5Page - Intersil Corporation X9313 Datasheet HTML 6Page - Intersil Corporation X9313 Datasheet HTML 7Page - Intersil Corporation X9313 Datasheet HTML 8Page - Intersil Corporation X9313 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN8177.6
January 15, 2008
Pin Descriptions
RH/VH and RL/VL
The high (RH/VH) and low (RL/VL) terminals of the X9313
are equivalent to the fixed terminals of a mechanical
potentiometer. The terminology of RL/VL and RH/VH
references the relative position of the terminal in relation to
wiper movement direction selected by the U/D input and not
the voltage potential on the terminal.
RW/VW
RW/VW is the wiper terminal and is equivalent to the
movable terminal of a mechanical potentiometer. The
position of the wiper within the array is determined by the
control inputs. The wiper terminal series resistance is
typically 40
Ω at VCC = 5V.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement
and whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will
move the wiper and either increment or decrement the
counter in the direction indicated by the logic level on the
U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The current
counter value is stored in nonvolatile memory when CS is
returned HIGH while the INC input is also HIGH. After the
store operation is complete, the X9313 will be placed in the
low power standby mode until the device is selected once
again.
X9313WS-3*, **
X9313W D
3 to 5.5
10
0 to +70
8 Ld SOIC
MDP0027
X9313WSZ-3* (Note)
X9313W ZD
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313ZM-3*
13ZD
1
0 to +70
8 Ld MSOP
M8.118
X9313ZMZ-3* (Note)
DDK
0 to +70
8 Ld MSOP (Pb-free)
M8.118
X9313ZMI-3*
13ZE
-40 to +85
8 Ld MSOP
M8.118
X9313ZMIZ-3* (Note)
13ZEZ
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
X9313ZP-3
X9313ZP D
0 to +70
8 Ld PDIP
MDP0031
X9313ZPZ-3 (Note)
X9313ZP ZD
0 to +70
8 Ld PDIP (Pb-free)***
MDP0031
X9313ZS-3*, **
X9313Z D
0 to +70
8 Ld SOIC
MDP0027
X9313ZSZ-3* (Note)
X9313Z ZD
0 to +70
8 Ld SOIC (Pb-free)
M8.15
X9313ZSI-3*
X9313Z E
-40 to +85
8 Ld SOIC
MDP0027
X9313ZSIZ-3* (Note)
X9313Z ZE
-40 to +85
8 Ld SOIC (Pb-free)
M8.15
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
**Add "T2" suffix for tape and reel. Please refer to TB347 for details on reel specifications.
***Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Ordering Information (Continued)
PART NUMBER
PART
MARKING
VCC RANGE
(V)
RTOTAL
(k
Ω)
TEMPERATURE
RANGE
(°C)
PACKAGE
PKG.
DWG. #
Pinouts
X9313
(8 LD PDIP, 8 LD SOIC)
TOP VIEW
X9313
(8 LD MSOP)
TOP VIEW
VCC
CS
INC
U/D
RH/VH
VSS
1
2
3
4
8
7
6
5
X9313
RL/VL
RW/VW
VCC
CS
U/D
RH/VH
1
2
3
4
8
7
6
5
X9313
RL/VL
RW/VW
INC
VSS
X9313


Similar Part No. - X9313

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313 INTERSIL-X9313 Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313 INTERSIL-X9313 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
More results

Similar Description - X9313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com