Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315WMZT1 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9315WMZT1
Description  Digitally Controlled Potentiometer (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315WMZT1 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9315WMZT1 Datasheet HTML 6Page - Intersil Corporation X9315WMZT1 Datasheet HTML 7Page - Intersil Corporation X9315WMZT1 Datasheet HTML 8Page - Intersil Corporation X9315WMZT1 Datasheet HTML 9Page - Intersil Corporation X9315WMZT1 Datasheet HTML 10Page - Intersil Corporation X9315WMZT1 Datasheet HTML 11Page - Intersil Corporation X9315WMZT1 Datasheet HTML 12Page - Intersil Corporation X9315WMZT1 Datasheet HTML 13Page - Intersil Corporation X9315WMZT1 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN8179.2
December 21, 2009
Typical Rtotal vs. Temperature
Typical Total Resistance Temperature Coefficient
Typical Wiper Resistance
10000
9800
9600
9400
9200
9000
8800
8600
8400
8200
8000
-55
-45
-35 -25
-15
-5
5
15
25
35
45
55
65
75
Temperature
85
95
105 115 125 C°
-55
-350
-300
-250
-200
-150
-100
-50
0
-45
-35
-25
-15
-5
5
15
25
35
Temperature
PPM
45
55
65
75
85
95
105 115
125 °C
0
0
100
200
300
400
500
600
700
800
2
4
6
8
10
12
14
16
Tap
18
20
22
24
26
28
30
32
VCC = 2.7V
X9315


Similar Part No. - X9315WMZT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9315WMZT1 INTERSIL-X9315WMZT1 Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
logo
Renesas Technology Corp
X9315WMZT1 RENESAS-X9315WMZT1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315WMZT1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com