Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9401WS24I Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9401WS24I
Description  Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401WS24I Datasheet(HTML) 1 Page - Intersil Corporation

  X9401WS24I Datasheet HTML 1Page - Intersil Corporation X9401WS24I Datasheet HTML 2Page - Intersil Corporation X9401WS24I Datasheet HTML 3Page - Intersil Corporation X9401WS24I Datasheet HTML 4Page - Intersil Corporation X9401WS24I Datasheet HTML 5Page - Intersil Corporation X9401WS24I Datasheet HTML 6Page - Intersil Corporation X9401WS24I Datasheet HTML 7Page - Intersil Corporation X9401WS24I Datasheet HTML 8Page - Intersil Corporation X9401WS24I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
®
X9401
Low Noise/Low Power/SPI Bus
Quad, 64 Tap, Digitally Controlled
Potentiometer (XDCP™)
Description
The X9401 integrates 4 digitally controlled potentiometers
(XDCP) on a monolithic CMOS integrated microcircuit.
The digitally controlled potentiometer is implemented using
64 resistive elements in a series array. Between each
element are tap points connected to the wiper terminal
through switches. The position of the wiper on the array is
controlled by the user through the SPI bus interface. Each
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and 4 nonvolatile Data Registers
(DR0:DR3) that can be directly written to and read by the
user. The contents of the WCR controls the position of the
wiper on the resistor array through the switches. Power-up
recalls the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Quad - 4 Separate Pots, 64 Taps/Pot
• Nonvolatile Storage of Wiper Position
• Four Nonvolatile Data Registers for Each Pot
• 16-bytes of EEPROM Memory
• SPI Serial Interface
•RTOTAL = 10kΩ
• Wiper Resistance = 150
Ω Typical
• Standby Current < 3µA (Total Package)
• Operating Current < 700µA max.
•VCC = 2.7V to 5V
• 24 Ld SOIC and 24 Ld TSSOP Package
• 100 year Data Retention
• Pb-Free Available (RoHS Compliant)
Block Diagram
INTERFACE
AND
CONTROL
CIRCUITRY
CS
SCK
SO
A0
A1
R0
R1
R2
R3
WIPER
COUNTER
REGISTER
(WCR)
RESISTOR
ARRAY
POT 1
VH1/RH1
VL1/RL1
R0
R1
R2
R3
WIPER
COUNTER
REGISTER
(WCR)
VH0/RH0
VL0/RL0
DATA
8
VW0/RW0
VW1/RW1
R0
R1
R2
R3
RESISTOR
ARRAY
VH2/RH2
VL2/RL2
VW2/RW2
R0
R1
R2
R3
RESISTOR
ARRAY
VH3/RH3
VL3/RL3
VW3/RW3
WIPER
COUNTER
REGISTER
(WCR)
WIPER
COUNTER
REGISTER
(WCR)
POT 3
POT 2
HOLD
POT 0
VCC
VSS
WP
SI
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005-2006, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8190.4
October 13, 2009


Similar Part No. - X9401WS24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401WS24I INTERSIL-X9401WS24I Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9401WS24I-2.7 INTERSIL-X9401WS24I-2.7 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9401WS24I-2.7 INTERSIL-X9401WS24I-2.7 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
More results

Similar Description - X9401WS24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com