Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9408YS24I Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9408YS24I
Description  Quad Digitally Controlled (XDCP?? Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408YS24I Datasheet(HTML) 3 Page - Intersil Corporation

  X9408YS24I Datasheet HTML 1Page - Intersil Corporation X9408YS24I Datasheet HTML 2Page - Intersil Corporation X9408YS24I Datasheet HTML 3Page - Intersil Corporation X9408YS24I Datasheet HTML 4Page - Intersil Corporation X9408YS24I Datasheet HTML 5Page - Intersil Corporation X9408YS24I Datasheet HTML 6Page - Intersil Corporation X9408YS24I Datasheet HTML 7Page - Intersil Corporation X9408YS24I Datasheet HTML 8Page - Intersil Corporation X9408YS24I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FN8191.4
January 15, 2009
Pin Descriptions
Host Interface Pins
SERIAL CLOCK (SCL)
The SCL input is used to clock data into and out of the
X9408.
SERIAL DATA (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It is an open drain output and may be wire-
ORed with any number of open drain or open collector
outputs. An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the guidelines
for calculating typical values on the bus pull-up resistors
graph.
DEVICE ADDRESS (A0 - A3)
The address inputs are used to set the least significant 4 bits
of the 8-bit slave address. A match in the slave address
serial data stream must be made with the address input in
order to initiate communication with the X9408. A maximum
of 16 devices may occupy the 2-wire serial bus.
Potentiometer Pins
VH/RH (VH0/RH0 - VH3/RH3), VL/RL (VL0/RL0 - VL3/RL3)
The VH/RH and VL/RL inputs are equivalent to the terminal
connections on either end of a mechanical potentiometer.
VW/RW (VW0/RW0 – VW3/RW3)
The wiper outputs are equivalent to the wiper output of a
mechanical potentiometer.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when low prevents nonvolatile writes to the Data
Registers.
ANALOG SUPPLIES V+, V-
The Analog Supplies V+, V- are the supply voltages for the
XDCP analog section.
Pin Assignments
Pinouts
X9408
(24 LD DIP/SOIC)
TOP VIEW
X9408
(24 LD TSSOP)
TOP VIEW
SYMBOL
DESCRIPTION
SCL
Serial Clock
SDA
Serial Data
A0-A3
Device Address
VH0/RH0 - VH3/RH3, VL0/RL0
- VL3/RL3
Potentiometer Pins
(terminal equivalent)
VW0/RW0 - VW3/RW3
Potentiometer Pins
(wiper equivalent)
WP
Hardware Write Protection
V+,V-
Analog Supplies
VCC
System Supply Voltage
VSS
System Ground
NC
No Connection
1
2
3
4
5
6
7
8
9
10
11
12
VCC
VL0/RL0
VH0/RH0
VW0/RW0
A2
WP
SDA
A1
VL1/RL1
VH1/RH1
VW1/RW1
VSS
16
17
18
19
20
21
22
23
24
15
14
13
V+
VH3/RH3
VW3/R/RH1
A0
NC
SCL
VH2/RH2
VW2/RW2
V-
VL3/RL3
A3
VL2/RL2
1
2
3
4
5
6
7
8
9
10
11
12
SDA
A1
VL1/RL1
VH1/RH1
VW1/RW1
VSS
V-
VW2/RW2
VH2/RH2
VL2/RL2
SCL
A3
16
17
18
19
20
21
22
23
24
15
14
13
WP
VW0/RW0
VH0/RH0
VL0/RL0
VCC
VL3/RL3
VW3/RW3
A0
NC
A2
V+
VH3/RH3
X9408


Similar Part No. - X9408YS24I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408YS24I INTERSIL-X9408YS24I Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
X9408YS24I INTERSIL-X9408YS24I Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408YS24I RENESAS-X9408YS24I Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9408YS24I-2.7 INTERSIL-X9408YS24I-2.7 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
X9408YS24I-2.7 INTERSIL-X9408YS24I-2.7 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
More results

Similar Description - X9408YS24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com