Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9408YV24 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9408YV24
Description  Quad Digitally Controlled (XDCP?? Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408YV24 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9408YV24 Datasheet HTML 4Page - Intersil Corporation X9408YV24 Datasheet HTML 5Page - Intersil Corporation X9408YV24 Datasheet HTML 6Page - Intersil Corporation X9408YV24 Datasheet HTML 7Page - Intersil Corporation X9408YV24 Datasheet HTML 8Page - Intersil Corporation X9408YV24 Datasheet HTML 9Page - Intersil Corporation X9408YV24 Datasheet HTML 10Page - Intersil Corporation X9408YV24 Datasheet HTML 11Page - Intersil Corporation X9408YV24 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN8191.4
January 15, 2009
Detailed Operation
All XDCP potentiometers share the serial interface and
share a common architecture. Each potentiometer has a
Wiper Counter Register and four Data Registers. A detailed
discussion of the register organization and array operation
follows.
Wiper Counter Register
The X9408 contains four Wiper Counter Registers, one for
each XDCP potentiometer. The Wiper Counter Register can
be envisioned as a 6-bit parallel and serial load counter with
its outputs decoded to select one of sixty-four switches along
its resistor array. The contents of the WCR can be altered in
four ways: it may be written directly by the host via the Write
Wiper Counter Register instruction (serial load); it may be
written indirectly by transferring the contents of one of four
associated data registers via the XFR Data Register
instruction (parallel load); it can be modified one step at a
time by the Increment/ Decrement instruction. Finally, it is
loaded with the contents of its data register zero (DR0) upon
power-up.
The WCR is a volatile register; that is, its contents are lost
when the X9408 is powered-down. Although the register is
automatically loaded with the value in R0 upon power-up, it
should be noted this may be different from the value present
at power-down.
Data Registers
Each potentiometer has four nonvolatile Data Registers.
These can be read or written directly by the host and data
can be transferred between any of the four Data Registers
and the WCR. It should be noted all operations changing
data in one of these registers is a nonvolatile operation and
will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be used
as regular memory locations that could possibly store
system parameters or user preference data.
Register Descriptions
Four 6-bit Data Registers for each XDCP. (sixteen 6-bit
registers in total). {D5~D0}: These bits are for general
purpose not volatile data storage or for storage of up to four
different wiper values. The contents of Data Register 0 are
automatically moved to the wiper counter register on
power-up.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
WIPER
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
VH/RH
VL/RL
VW/RW
IF WCR = 00[H] THEN VW/RW = VL/RL
IF WCR = 3F[H] THEN VW/RW = VH/RH
8
6
C
O
U
N
T
E
R
D
E
C
O
D
E
(WCR)
FIGURE 8. DETAILED POTENTIOMETER BLOCK DIAGRAM
TABLE 2. DATE REGISTERS, (6-BIT), NONVOLATILE
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
(MSB)
(LSB)
X9408


Similar Part No. - X9408YV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408YV24 INTERSIL-X9408YV24 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
X9408YV24 INTERSIL-X9408YV24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408YV24 RENESAS-X9408YV24 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9408YV24-2.7 INTERSIL-X9408YV24-2.7 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
X9408YV24-2.7 INTERSIL-X9408YV24-2.7 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
More results

Similar Description - X9408YV24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com