Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9408YV24 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9408YV24
Description  Quad Digitally Controlled (XDCP?? Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408YV24 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9408YV24 Datasheet HTML 6Page - Intersil Corporation X9408YV24 Datasheet HTML 7Page - Intersil Corporation X9408YV24 Datasheet HTML 8Page - Intersil Corporation X9408YV24 Datasheet HTML 9Page - Intersil Corporation X9408YV24 Datasheet HTML 10Page - Intersil Corporation X9408YV24 Datasheet HTML 11Page - Intersil Corporation X9408YV24 Datasheet HTML 12Page - Intersil Corporation X9408YV24 Datasheet HTML 13Page - Intersil Corporation X9408YV24 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8191.4
January 15, 2009
Write Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Global XFR Data Register (DR) to Wiper Counter Register (WCR)
Global XFR Wiper Counter Register (WCR) to Data Register (DR)
Symbol Table
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1
A3
A2
A1
A0
1
1
1
0
R1
R0
P1
P0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
WCR
ADDRESSES
S
A
C
K
INCREMENT/DECREMENT
(SENT BY MASTER ON SDA)
S
T
O
P
0101
A3
A2
A1
A0
0
0
1
0
0
0
P1
P0
I/D
I/D
.
.
.
.
I/D
I/D
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR
ADDRESSES
S
A
C
K
S
T
O
P
0
1
0
1
A3A2A1
A0
0
0
0
1
R1
R0
0
0
S
T
A
R
T
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
S
A
C
K
INSTRUCTION
OPCODE
DR
ADDRESSES
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1 A3A2A1A0
1
0
0
0
R1 R0
0
0
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
WILL BE
STEADY
MAY CHANGE
FROM LO W TO
HIGH
WILL CHANGE
FROM LO
W TO
HIGH
MAY CHANGE
FROM HIGH TO
LOW
WILL CHANGE
FROM HIGH TO
LOW
DON’T CARE:
CHANGES
ALLOWED
CHANGING:
STATE NOT
KNOWN
N/A
CENTER LINE
IS HIGH
IMPEDANCE
120
100
80
40
60
20
20
40
60
80
100 120
0
0
BUS CAPACITANCE (pF)
Min.
Resistance
MAX.
RESISTANCE
RMAX =
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8k
Ω
X9408


Similar Part No. - X9408YV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408YV24 INTERSIL-X9408YV24 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
X9408YV24 INTERSIL-X9408YV24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
logo
Renesas Technology Corp
X9408YV24 RENESAS-X9408YV24 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9408YV24-2.7 INTERSIL-X9408YV24-2.7 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
X9408YV24-2.7 INTERSIL-X9408YV24-2.7 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
More results

Similar Description - X9408YV24

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com