Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317ZV8Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9317ZV8Z
Description  Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317ZV8Z Datasheet(HTML) 1 Page - Intersil Corporation

  X9317ZV8Z Datasheet HTML 1Page - Intersil Corporation X9317ZV8Z Datasheet HTML 2Page - Intersil Corporation X9317ZV8Z Datasheet HTML 3Page - Intersil Corporation X9317ZV8Z Datasheet HTML 4Page - Intersil Corporation X9317ZV8Z Datasheet HTML 5Page - Intersil Corporation X9317ZV8Z Datasheet HTML 6Page - Intersil Corporation X9317ZV8Z Datasheet HTML 7Page - Intersil Corporation X9317ZV8Z Datasheet HTML 8Page - Intersil Corporation X9317ZV8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN8183.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas, Inc. Copyright Intersil Americas Inc. 2004-2005, 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9317
Low Noise, Low Power, 100 Taps
Digitally Controlled Potentiometer
(XDCP™)
The Intersil X9317 is a digitally controlled potentiometer
(XDCP™). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by a 3-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in nonvolatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer
for voltage control or as a two-terminal variable resistor for
current control in a wide variety of applications.
Pinouts
X9317
(8 LD TSSOP)
TOP VIEW
X9317
(8 LD PDIP, 8 LD SOIC, 8 LD MSOP)
TOP VIEW
Features
• Solid-State Potentiometer
• 3-Wire Serial Up/Down Interface
• 100 Wiper Tap Points
- Wiper Position Stored in Nonvolatile Memory and
Recalled on Power-up
• 99 Resistive Elements
- Temperature Compensated
- End-to-end Resistance Range ±20%
• Low Power CMOS
-VCC = 2.7V to 5.5V, and 5V ±10%
- Standby Current <5µA
• High Reliability
- Endurance, 100,000 Data Changes per Bit
- Register Data Retention, 100 years
•RTOTAL Values = 1kΩ, 10kΩ, 50kΩ, 100kΩ
• Packages
- 8 Ld SOIC, PDIP, TSSOP, and MSOP
• Pb-Free Available (RoHS Compliant)
Applications
• LCD Bias Control
• DC Bias Adjustment
• Gain and Offset Trim
• Laser Diode Bias Control
• Voltage Regulator Output Control
INC
RL
CS
VCC
1
2
3
4
8
7
6
5
X9317
U/D
RW
VSS
RH
RH
VCC
INC
U/D
1
2
3
4
8
7
6
5
X9317
VSS
CS
RL
RW
Data Sheet
December 16, 2009


Similar Part No. - X9317ZV8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317ZV8Z INTERSIL-X9317ZV8Z Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317ZV8Z INTERSIL-X9317ZV8Z Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317ZV8Z-2.7 INTERSIL-X9317ZV8Z-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317ZV8Z-2.7 INTERSIL-X9317ZV8Z-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317ZV8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com