Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9401WS24Z-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9401WS24Z-2.7
Description  Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401WS24Z-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9401WS24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 12Page - Intersil Corporation X9401WS24Z-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN8190.4
October 13, 2009
Global Transfer Wiper Counter Register (WCR) to Data Register (DR)
Read Status
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
DR
ADDRESSES
CS
RISING
EDGE
HIGH-VOLTAGE
WRITE CYCLE
010100A1
A0
1
0
0
0
R1
R0
00
CS
FALLING
EDGE
DEVICE
TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
WIPER
ADDRESSES
DATA BYTE
(SENT BY X9401 ON SO)
CS
RISING
EDGE
01
0100
A1
A0
0
1
0
1
00
01000000
0
WIP
X9401


Similar Part No. - X9401WS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401WS24Z-2.7 INTERSIL-X9401WS24Z-2.7 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9401WS24Z-2.7 INTERSIL-X9401WS24Z-2.7 Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
logo
Renesas Technology Corp
X9401WS24Z-2.7 RENESAS-X9401WS24Z-2.7 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9401WS24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
403Kb / 20P
   Quad, 64 Tap, Digitally Controlled Potentiometer
September 14, 2015
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com