Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28288 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28288
Description  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28288 Datasheet HTML 7Page - Intersil Corporation ISL28288 Datasheet HTML 8Page - Intersil Corporation ISL28288 Datasheet HTML 9Page - Intersil Corporation ISL28288 Datasheet HTML 10Page - Intersil Corporation ISL28288 Datasheet HTML 11Page - Intersil Corporation ISL28288 Datasheet HTML 12Page - Intersil Corporation ISL28288 Datasheet HTML 13Page - Intersil Corporation ISL28288 Datasheet HTML 14Page - Intersil Corporation ISL28288 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL28288, ISL28488
11
FN6339.4
July 26, 2011
Applications Information
Introduction
The ISL28288 and ISL28488 are dual and quad CMOS rail-to-rail
input, output (RRIO) micropower operational amplifiers. These
devices are designed to operate from a single supply (2.4V to
5.5V) or dual supplies (±1.2V to ±2.75V) while drawing only 60µA
of supply current per amplifier. This combination of low power
and precision performance makes these devices suitable for
solar and battery power applications.
Rail-to-Rail Input
Many rail-to-rail input stages use two differential input pairs, a
long-tail PNP (or PFET) and an NPN (or NFET). Severe penalties
have to be paid for this circuit topology. As the input signal moves
from one supply rail to another, the operational amplifier
switches from one input pair to the other causing drastic changes
in input offset voltage and an undesired change in magnitude
and polarity of input offset current.
These amplifiers achieve rail-to-rail input operation without
sacrificing important precision specifications and degrading
distortion performance. The devices’ input offset voltage exhibits
a smooth behavior throughout the entire common-mode input
range. The input bias current vs the common-mode voltage range
gives us an undistorted behavior from typically 100mV below the
negative rail and 10% higher than the V+ rail (0.5V higher than V+
when V+ equals 5.5V).
Input Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. There is an additional
pair of back-to-back diodes across the input terminals. For
applications where the input differential voltage is expected to
Pin Descriptions
ISL28288
(8 LD SOIC)
ISL28288
(10 LD MSOP)
ISL28488
(14 LD TSSOP)
ISL28488
(16 LD QSOP)
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
3
1
3
3
IN+_A
Circuit 1
Amplifier A non-inverting input
-2
-
-
EN_A
Circuit 2
Amplifier A enable pin internal pull-down; Logic “1”
selects the disabled state; Logic “0” selects the
enabled state.
4
3
11
13
V-
Circuit 4
Negative power supply
-4
-
-
EN_B
Circuit 2
Amplifier B enable pin with internal pull-down; Logic
“1” selects the disabled state; Logic “0” selects the
enabled state.
5
5
5
5
IN+_B
Circuit 1
Amplifier B non-inverting input
6
6
6
6
IN-_B
Circuit 1
Amplifier B inverting input
7
7
7
7
OUT_B
Circuit 3
Amplifier B output
88
4
4
V+
Circuit 4
Positive power supply
1
9
1
1
OUT_A
Circuit 3
Amplifier A output
2
10
2
2
IN-_A
Circuit 1
Amplifier A inverting input
-
-
8
10
OUT_C
Circuit 3
Amplifier C output
-
-
9
11
IN-_C
Circuit 1
Amplifier C inverting input
-
-
10
12
IN+_C
Circuit 1
Amplifier C non-inverting input
-
-
12
14
IN+_D
Circuit 1
Amplifier D non-inverting input
-
-
13
15
IN-_D
Circuit 1
Amplifier D inverting input
-
-
14
16
OUT_D
Circuit 3
Amplifier D output
--
-
8, 9
NC
-
No internal connection
EN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
V+
V-
CIRCUIT 4
IN-
V+
V-
IN+
CAPACITIVELY
COUPLED


Similar Part No. - ISL28288

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288(EN) INTERSIL-ISL28288(EN) Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL28288

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com