Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2902SF Datasheet(PDF) 7 Page - Rohm

Part # BA2902SF
Description  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902SF Datasheet(HTML) 7 Page - Rohm

Back Button BA2902SF Datasheet HTML 3Page - Rohm BA2902SF Datasheet HTML 4Page - Rohm BA2902SF Datasheet HTML 5Page - Rohm BA2902SF Datasheet HTML 6Page - Rohm BA2902SF Datasheet HTML 7Page - Rohm BA2902SF Datasheet HTML 8Page - Rohm BA2902SF Datasheet HTML 9Page - Rohm BA2902SF Datasheet HTML 10Page - Rohm BA2902SF Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
7/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
85℃
25℃
BA10358 family
0
10
20
30
40
50
60
-50
-25
0
255075
100
AMBIENT TEMPERATURE [℃]
32V
5V
3V
BA10358 family
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
BA10358 family
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
OUTPUT VOLTAGE [V]
0
10
20
30
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
15V
5V
BA10358 family
25℃
85℃
BA10358 family
0
10
20
30
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERAURE [℃]
5V
15V
BA10358 family
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
01
2
345
OUTPUT VOLTAGE [V]
85℃
-40℃
25℃
BA10358 family
0
1
2
3
4
5
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE[℃]
BA10358 family
85℃
BA10358 family
-40℃
25℃
Fig. 4
Maximum Output Voltage - Supply Voltage
(
(RL=10[kΩ]))
Fig. 5
Maximum Output Voltage - Ambient Temperature
(VCC=5[V],RL=2[kΩ])
Fig. 6
Output Source Current - Output Voltage
(VCC=5[V])
Output Source Current - Ambient Temperature
(VOUT=0[V])
3V
Output Sink Current - Output Voltage
(VCC=5[V])
-40℃
Output Sink Current - Ambient Temperature
(VOUT=VCC)
3V
Low Level Sink Current - Supply Voltage
(VOUT=0.2[V])
Low Level Sink Current - Ambient Temperature
(VOUT=0.2[V])
Input Offset Voltage - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Reference Data (The data is ability value of sample, it is not guaranteed. )
BA10358 family
Fig. 1
Derating Curve
Fig. 2
Supply Current - Supply Voltage
Fig. 3
Supply Current - Ambient Temperature
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
25℃
85℃
BA10358 family
-40℃
BA10358 family
3V
32V
5V
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERTURE [℃] .
BA10358F
BA10358 family
BA10358FV
85
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Fig. 11
Fig. 12


Similar Part No. - BA2902SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2902SF ROHM-BA2902SF	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902SF ROHM-BA2902SF Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902SF ROHM-BA2902SF Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA2902SF ROHM-BA2902SF Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2902SF ROHM-BA2902SF Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA2902SF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com